Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 125 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 121Page - STMicroelectronics STR720RXH6 Datasheet HTML 122Page - STMicroelectronics STR720RXH6 Datasheet HTML 123Page - STMicroelectronics STR720RXH6 Datasheet HTML 124Page - STMicroelectronics STR720RXH6 Datasheet HTML 125Page - STMicroelectronics STR720RXH6 Datasheet HTML 126Page - STMicroelectronics STR720RXH6 Datasheet HTML 127Page - STMicroelectronics STR720RXH6 Datasheet HTML 128Page - STMicroelectronics STR720RXH6 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 401 page
background image
STR720 - EXTERNAL MEMORY INTERFACE (EMI)
125/401
11.5 Programming considerations
EMI programming and usage is accomplished via the configuration, status and data registers
described in previous paragraphs.
At reset time all the EMI registers will be reset to 0x0001 or 0x0000 with the exception of the
Bank 0 Configuration Register (BCON0) which, out of reset, will be in the following condition:
■
BCON0[15:8]: Bank Length (B_LENGTH0) = 0x7F (8M bytes).
■
BCON0[7]: External Ready Enable (EREN) = 0. External Ready not used.
■
BCON0[6]: Internal Synchronization (ISYN0) = 0. No internal synchronization of Eready.
■
BCON0[5]: Bank Enable (BE) = 1. Bank 0 is enabled.
■
BCON[4:2]: Cycle Length (C_LENGTH) = 0x7. Maximum number of wait states (7).
A special care must be taken on bit 0 of each BCONx register, which must be always written
at ‘1’ to assure a correct functionality of the EMI cell. This is true also for the reserved
locations at the offset 08h and 0Ch respectively.
The EREN (External Ready Enable) bit in BBCON registers should be set only if the device
connected externally does have an access time that is variable. If set, ONLY at the end of the
programmed number of wait states, the status of the Eready signal will be checked: if it is low
a further wait state will be inserted and the process will continue until Eready is sampled high.
If EREN is cleared, the status of Eready will be ignored an the read/write cycles will always be
completed in the programmed number of wait states.
Since the usage of Eready implies the sampling of an external signal, the user has two
options, selected by the status of the ISYN bit. If ISYN=0, this provides the fastest bus cycle
but requires that setup and hold times are met with respect to internal peripheral clock. If
ISYN=1, Eready is internally synchronized by additional logic, but this will cause additional
wait states determined by the internal synchronization process. When ISYN is 0, Eready is not
internally resampled so to be sure that it is correctly detected by EMI logic, the number of
configured wait states cannot be lower than 4.
The start address and extension of both address regions can be configured via configuration
registers. However is up to the user to program them consistently, avoiding overlapping in
areas where more than one chip select could be active. A simple mechanism is anyway
implemented to avoid possible damages to the external components deriving from this
(unwanted) condition: a priority does exist such that no more than one chip select can be
active at any time. The priority scheme is as follows:
■
CS0 (Highest Priority)
■
CS1 (Lowest Priority)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com