Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 128 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 124Page - STMicroelectronics STR720RXH6 Datasheet HTML 125Page - STMicroelectronics STR720RXH6 Datasheet HTML 126Page - STMicroelectronics STR720RXH6 Datasheet HTML 127Page - STMicroelectronics STR720RXH6 Datasheet HTML 128Page - STMicroelectronics STR720RXH6 Datasheet HTML 129Page - STMicroelectronics STR720RXH6 Datasheet HTML 130Page - STMicroelectronics STR720RXH6 Datasheet HTML 131Page - STMicroelectronics STR720RXH6 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 401 page
background image
STR720 - ATAPI-IDE INTERFACE
128/401
12.4 Programming Considerations
This section gives a brief overview of the interaction between the ATAPI-IDE controller and the
STR720.
12.4.1
Initialization
Due to the fact that this ATAPI-IDE interface is synchronously reset, all its output signals will
remain undefined until a valid clock signal is supplied, regardless of the state of its reset input.
As a consequence, when initializing the system to use the ATAPI-IDE interface, the following
procedure should be followed:
1. Remove IDE specific reset (controlled by the A3BRG_PUR0 register).
2. Enable AHB clock to the ATAPI IDE Interface (using the A3BRG_PCG0 register).
3. Enable IDE related interrupt, if required (IRQ 15). Refer to the Enhanced Interrupt Con-
troller Chapter).
4. Configure the I/O Port Registers
5. Configure Port 7 for IDE via the P7AS bit in the Miscellanea Global configuration Register
6. Set up IDE controller by programming its configuration registers located from offset 100h
to 144h. Refer to Section 12.5.2.1 .
12.4.2
Basic Read Transfer
1. When a read access to the external IDE device is required, the related IDE Command
registers should be programmed accordingly, for example by writing the physical address
of the device location to be accessed (sector, cylinder, head) and starting the IDE device
seek operation.
2. The IDE device flags any relevant event on its side by a rising edge on the interrupt line
(P7.45 pin). This will generate an IRQ15 interrupt request to the core if the corresponding
interrupt mask bit is enabled. Refer to the EIC register description.
3. In the interrupt service routine the application checks the IDE Status Register to deter-
mine which event triggered the interrupt request.
4. If the access to the requested location IDE reported as successful, the data can be
fetched through the IDE data register.
If DMA is used, the application then requests the DMA controller to perform a “mem-
ory-to-memory” transfer from the IDE data register (offset 010h) to the buffer in system
memory where data is to be stored.
5. The end of transfer will be flagged by the DMA interrupt, notifying that the programmed
number of words has been stored in the memory buffer.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com