Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 141 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 137Page - STMicroelectronics STR720RXH6 Datasheet HTML 138Page - STMicroelectronics STR720RXH6 Datasheet HTML 139Page - STMicroelectronics STR720RXH6 Datasheet HTML 140Page - STMicroelectronics STR720RXH6 Datasheet HTML 141Page - STMicroelectronics STR720RXH6 Datasheet HTML 142Page - STMicroelectronics STR720RXH6 Datasheet HTML 143Page - STMicroelectronics STR720RXH6 Datasheet HTML 144Page - STMicroelectronics STR720RXH6 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 401 page
background image
STR720 - RESET AND CLOCK CONTROL UNIT (RCCU)
141/401
If LOCK bit return to’0’ and AUTOBYP_EN bit is set to ’1’, the system clock switches back to
PLLREFCLK disregarding PLLBYP bit value. Otherwise (i.e. AUTOBYP_EN = ’0’) the
software has to handle the system clock switching, by monitoring PLL lock and by writing a
proper bit in CLKCTL register. AUTOBYP feature can be used to avoid polling LOCK bit (or
enabling the related interrupt) during system start-up phase to automatically switch to PLL
clock once LOCK condition has been achieved.
Note
Care must be taken in using AUTOBYP feature during normal system operation,
since the sudden change of system clock frequency can lead to serial interfaces
problem. It is recommended to use this feature with particular care and keeping
LOCK related interrupts active, so to be notified about the clock change event.
When PLL block needs to be switched off, for example to reduce current consumption upon
entering a power save mode, a special sequence is required to avoid blocking the system:
1. Set PLLBYP bit at ’1’ in PLLCONF register, so to switch back system clock to PLLREF-
CLK.
2. Wait for PLLBYP_F bit in CLKFLAG register to be read back as ‘1’, to confirm that system
clock switch is completed.
3. Set PLLOFF bit at ‘1’ in PLLCONF register to safely switch off PLL block.
In case PLLOFF is set to ’1’ without observing the sequence above, system clock stops being
generated and the device hangs up to the next hardware reset event.
Whenever PLL multiplication/division factor needs to be changed, a switch-off/switch-on cycle
must be performed, following the procedures detailed in the paragraphs above.
WARNING A wrong clock selection may cause the system to stop indefinitely. In this case the
only way to start again is a hardware reset.
13.3.3
Mode of Operation
Four modes of operation are provided
13.3.3.1 Run mode
Run mode is entered when Software reset or a Hardware reset input is asserted (low) or a
Watchdog/External reset event occurs, and the entire system asynchronously enter the reset
state. RCCU reset exit status is the following:
PLL is OFF, bypassed and MX = “000111” and DX = “11”
CLK is selected as AHB clock
CLK/16 is selected as APB clock
CLK/2 is selected as ATAPI clock
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com