Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 142 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 138Page - STMicroelectronics STR720RXH6 Datasheet HTML 139Page - STMicroelectronics STR720RXH6 Datasheet HTML 140Page - STMicroelectronics STR720RXH6 Datasheet HTML 141Page - STMicroelectronics STR720RXH6 Datasheet HTML 142Page - STMicroelectronics STR720RXH6 Datasheet HTML 143Page - STMicroelectronics STR720RXH6 Datasheet HTML 144Page - STMicroelectronics STR720RXH6 Datasheet HTML 145Page - STMicroelectronics STR720RXH6 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 401 page
background image
STR720 - RESET AND CLOCK CONTROL UNIT (RCCU)
142/401
13.3.3.2 Idle mode
If SLOW bit in CLKCTL register is ’0’, then a low frequency internal clock, (PLLREFCLK/32),
could be used, setting IDLE bit to ’1’, as source clock for AHB clock and APB, ATAPI
prescalers reference clock. IDLE mode can be used when a low power consumption is
needed, but no CLK_AF is available as external low frequency clock source.
13.3.3.3 SLOW mode
When active (SLOW bit = ’1’) the external CLK_AF low frequency clock source is selected as
system clock. (refer also to Idle mode)
13.3.3.4 STOP mode
A STOP mode is provided, where all clocks are stopped, while power supply is maintained to
the whole chip. STOP mode is entered only if STOP_EN bit inside MSKCTL register has been
written to ’1’. In this case STOP input driven active (high) causes the RCCU to stretch all
system clocks.
Normal operation may be resumed by an external event, connected to STOP input (refer to
WIU specification). After wake-up, operations resume from previous state without any loss of
information.
WARNING: All low power modes are completely under software control via the proper
configuration of the RCCU registers.
Figure 17. Clock Control unit programming
1/2
CLK
CLK_AF
PLL
Clock Multiplier
Unit
/Divider
APB_CLK
AHB_CLK
1/2, 1/4
1/32
ATAPI_CLK
CLK_AF
(32 kHz)
DIV2
PLLBYP
SLOW
IDLE
nSTOP
1/8, 1/16
1/2, 1/3
STOP_EN
PLLCLKREF
1
0
1
1
1
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com