Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 155 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 151Page - STMicroelectronics STR720RXH6 Datasheet HTML 152Page - STMicroelectronics STR720RXH6 Datasheet HTML 153Page - STMicroelectronics STR720RXH6 Datasheet HTML 154Page - STMicroelectronics STR720RXH6 Datasheet HTML 155Page - STMicroelectronics STR720RXH6 Datasheet HTML 156Page - STMicroelectronics STR720RXH6 Datasheet HTML 157Page - STMicroelectronics STR720RXH6 Datasheet HTML 158Page - STMicroelectronics STR720RXH6 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 401 page
background image
STR720 - REAL TIME CLOCK (RTC)
155/401
RTCCNT_L
Address Offset: 04h
Reset value: 0000h
Bit 15:0 = RTCCNT[15:0]: RTC CouNTer Low
Reading RTCCNT_L register, the current value of the lower part of RTC Counter register is
returned. To write this register it is required to enter into configuration mode (see RTOFF bit of
RTCCR register).
RTCCNT_M
Address Offset: 08h
Reset value: 0000h
Bit 15:0 = RTCCNT[31:16]: RTC CouNTer Middle
Reading RTCCNT_M register, the current value of the middle part of RTC Counter register is
returned. To write this register it is required to enter into configuration mode (see RTOFF bit of
RTCCR register).
RTCCNT_H
Address Offset: 0Ch
Reset value: 0000h
Bit 15:0 = RTCCNT[47:32]: RTC CouNTer High
Reading RTCCNT_H register, the current value of the high part of RTC Counter register is
returned. To write this register it is required to enter into configuration mode (see RTOFF bit of
RTCCR register).
15
14
13
12
11
10
9
8
765432
1
0
RTCCNT[15:0]
rw
15
14
13
12
11
10
9
8
765432
1
0
RTCCNT[31:16]
rw
15
14
13
12
11
10
9
8
765432
1
0
RTCCNT[47:32]
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com