Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 156 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 152Page - STMicroelectronics STR720RXH6 Datasheet HTML 153Page - STMicroelectronics STR720RXH6 Datasheet HTML 154Page - STMicroelectronics STR720RXH6 Datasheet HTML 155Page - STMicroelectronics STR720RXH6 Datasheet HTML 156Page - STMicroelectronics STR720RXH6 Datasheet HTML 157Page - STMicroelectronics STR720RXH6 Datasheet HTML 158Page - STMicroelectronics STR720RXH6 Datasheet HTML 159Page - STMicroelectronics STR720RXH6 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 401 page
background image
STR720 - REAL TIME CLOCK (RTC)
156/401
RTCA: RTC Alarm registers
When the programmable counter RTCCNT reaches the 48 bit value stored into RTCA
registers an alarm is triggered and the interrupt request RTC_alarmIT is generated. This
register is write protected by bit RTOFF of RTCCR register, write operation is allowed if
RTOFF value is ‘1’.
RTCA_L
Address Offset: 10h
Reset value: FFFFh
Bit 15:0 = RTCA[15:0]: RTC Alarm Low
Reading RTCA_L register, the lower part of alarm time is returned. To write this register it is
required to enter into configuration mode (see RTOFF bit of RTCCR register).
RTCA_M
Address Offset: 14h
Reset value: FFFFh
Bit 15:0 = RTCA[31:16]: RTC Alarm Middle
Reading RTCA_M register, the middle part of alarm time is returned. To write this register it is
required to enter into configuration mode (see RTOFF bit of RTCCR register).
RTCA_H
Address Offset: 18h
Reset value: FFFFh
15
14
13
12
11
10
9
8
765432
1
0
RTCA[15:0]
rw
15
14
13
12
11
10
9
8
765432
1
0
RTCA[31:16]
rw
15
14
13
12
11
10
9
8
765432
1
0
RTCA[47:32]
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com