Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 167 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 163Page - STMicroelectronics STR720RXH6 Datasheet HTML 164Page - STMicroelectronics STR720RXH6 Datasheet HTML 165Page - STMicroelectronics STR720RXH6 Datasheet HTML 166Page - STMicroelectronics STR720RXH6 Datasheet HTML 167Page - STMicroelectronics STR720RXH6 Datasheet HTML 168Page - STMicroelectronics STR720RXH6 Datasheet HTML 169Page - STMicroelectronics STR720RXH6 Datasheet HTML 170Page - STMicroelectronics STR720RXH6 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 401 page
background image
STR720 - ASYNCHRONOUS AHB-APB BRIDGE (A3BRG)
167/401
Emulator Peripheral Clock Gating register 0 (EMU_PCG0)
Address Offset: A0h
Reset value: FFFF FFFFh
This register configures the status of clock gating for each of the peripherals controlled by the
bridge, while the application program execution is stopped due to a debug request. Each
peripheral can be configured to stop working as the user code reaches a breakpoint.
Bits 31:13 = Reserved, always read as 0.
Bits 12:0 = EPxxCO: Emulator Peripheral xx Clock Off with 0
≤xx<12
0: Peripheral xx clock is gated off at a debug request, regardless of the state of the
corresponding PxxCO bit in PCG0 register.
1: Peripheral xx clock gating status is unaffected by debug requests, and it is always
determined by its corresponding PxxCO bit in PCG0 register.
Table 41 shows how the status of peripheral clock depends on PCG, EMU_PCG and
ARM720 debug-mode:
Note
Bit EPCG0[0] corresponds to the AHB/APB bridge itself and is forced to 1 by
hardware.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
-
15
14
13
12
11
10
9
8
765432
1
0
Reserved
EPxxCO
1
-
rwrwrw
rw
rw
rwrwrwrw
rwrw
rw
r
Table 41. Clock Gating
PCG0
EMU_PCG0
ARM720 debug
Periph. clock
11
0
on
11
1
on
01
0
off
01
1
off
00
0
off
00
1
off
10
0
on
10
1
off
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com