Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 171 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 167Page - STMicroelectronics STR720RXH6 Datasheet HTML 168Page - STMicroelectronics STR720RXH6 Datasheet HTML 169Page - STMicroelectronics STR720RXH6 Datasheet HTML 170Page - STMicroelectronics STR720RXH6 Datasheet HTML 171Page - STMicroelectronics STR720RXH6 Datasheet HTML 172Page - STMicroelectronics STR720RXH6 Datasheet HTML 173Page - STMicroelectronics STR720RXH6 Datasheet HTML 174Page - STMicroelectronics STR720RXH6 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 401 page
background image
STR720 - UART
171/401
16.3.2
Transmission
Values to be transmitted are written to the transmit fifo, txfifo, by writing to ASCTxBuffer. The
txfifo is implemented as a 16 deep array of 9 bit vectors.
If the fifos are enabled (the ASCControl(FifoEnable) is set), the txfifo is considered full
(ASCStatus(TxFull) is set) when it contains 16 characters. Further writes to ASCTxBuffer in
this situation will fail to overwrite the most recent entry in the txfifo. If the fifos are disabled, the
txfifo is considered full (ASCStatus(TxFull) is set) when it contains 1 character, and a write to
ASCTxBuffer in this situation will overwrite the contents.
If the fifos are enabled, ASCStatus(TxHalfEmpty) is set when the txfifo contains 8 or fewer
characters. If the fifos are disabled, it’s set when the txfifo is empty.
Writing anything to ASCTxReset empties the txfifo.
Values are shifted out of the bottom of the txfifo into a 9-bit txshift register in order to be
transmitted. If the transmitter is idle (the txshift register is empty) and something is written to
the ASCTx-Buffer so that the txfifo becomes non-empty, the txshift register is immediately
loaded from the txfifo and transmission of the data in the txshift register begins at the next
baud rate tick.
At the time the transmitter is just about to transmit the stop bits, then if the txfifo is non-empty,
the txshift register will be immediately loaded from the txfifo, and transmission of this new data
will begin as soon as the current stop bit period is over (i.e. the next start bit will be transmitted
immediately following the current stop bit period). Thus back-to-back transmission of data can
take place. If instead the txfifo is empty at this point, then the txshift register will become
empty. ASC-Status(TxEmpty) indicates whether the txshift register is empty.
After changing the fifoenable bit, it is important to reset the fifo to empty (by writing to the
ASCTxReset register), since the state of the fifo pointer may be garbage.
The loop-back option (selected by the ASCControl(LoopBack) bit) internally connects the
output of the transmitter shift register to the input of the receiver shift register. This may be
used to test serial communication routines at an early stage without having to provide an
external network.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com