Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 173 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 169Page - STMicroelectronics STR720RXH6 Datasheet HTML 170Page - STMicroelectronics STR720RXH6 Datasheet HTML 171Page - STMicroelectronics STR720RXH6 Datasheet HTML 172Page - STMicroelectronics STR720RXH6 Datasheet HTML 173Page - STMicroelectronics STR720RXH6 Datasheet HTML 174Page - STMicroelectronics STR720RXH6 Datasheet HTML 175Page - STMicroelectronics STR720RXH6 Datasheet HTML 176Page - STMicroelectronics STR720RXH6 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 401 page
background image
STR720 - UART
173/401
If the mode is one where a parity bit is expected, then the bit rxfifo[x][8] (if 8 bit data + parity
mode is selected) or the bit rxfifo[x][7] (if 7 bit data + parity mode is selected) records whether
there was a parity error when that entry was received. Note, it does not contain the parity bit
that was received. ASCStatus(ParityError) is set when at least one of the valid entries in the
rxfifo has bit 8 set (if 8 bit data + parity mode is selected) or bit 7 set (if 7 bit data + parity mode
is selected).
After changing the fifoenable bit, it is important to reset the fifo to empty (by writing to the
ASCRxReset register), since the state of the fifo pointers may be garbage.
Reception is stopped by clearing the ASCControl(RxEnable) bit. A currently received frame
is completed including the generation of the receive status flags. Start bits that follow this
frame will not be recognized.
16.3.4
Timeout mechanism
The ASC contains an 8-bit timeout counter. This reloads from ASCTimeout whenever one or
more of the following is true
•
ASCRxBuffer is read
•
The ASCstarts to receive a character
•
ASCTimeout is written to
If none of these conditions hold, the counter decrements towards 0 at every baud rate tick.
ASCStatus(TimeoutNotEmpty) is ’1’ exactly whenever the rxfifo is not empty and the
timeout counter is zero.
ASCStatus(TimeoutIdle) is ‘1’ exactly whenever the rxfifo is empty and the timeout counter is
zero.
The effect of this is that whenever the rxfifo has got something in it, the timeout counter will
decrement until something happens to the rxfifo. If nothing happens, and the timeout counter
reaches zero, the ASCStatus(TimeoutNotEmpty) flag will be set.
When the software has emptied the rxfifo, the timeout counter will reset and start
decrementing. If no more characters arrive, when the counter reaches zero the
ASCStatus(TimeoutIdle) flag will be set.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com