Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 174 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 170Page - STMicroelectronics STR720RXH6 Datasheet HTML 171Page - STMicroelectronics STR720RXH6 Datasheet HTML 172Page - STMicroelectronics STR720RXH6 Datasheet HTML 173Page - STMicroelectronics STR720RXH6 Datasheet HTML 174Page - STMicroelectronics STR720RXH6 Datasheet HTML 175Page - STMicroelectronics STR720RXH6 Datasheet HTML 176Page - STMicroelectronics STR720RXH6 Datasheet HTML 177Page - STMicroelectronics STR720RXH6 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 401 page
background image
STR720 - UART
174/401
16.3.5
Baud rate generation
The baud rate generator provides a clock at 16 times the baud rate, called the oversampling
clock. This clock only ticks if ASCControl(Run) is set to’1’. Setting this bit to 0 will
immediately freeze the state of the ASCs transmitter and receiver. This should only be done
when the ASC is idle.
The baud rate and the required reload value for a given baud rate can be determined by the
following formulae:
Baudrate = fAPB / (16 * <ASCBaudRate>)
<ASCBaudRate> = fAPB / (16 * Baudrate)
where: <ASCBaudRate> represents the content of the ASCBaudRate register, taken as
unsigned 16-bit integer, and fAPB is the clock frequency of the APB sub-system to which
UART block is connected.
The following tables list various commonly used baud rates together with the required reload
values and the deviation errors for various different APB clock frequencies..
Table 43. Baud rates with fAPB = 16 MHz
Baud rate
Reload value
(exact)
Reload value
(integer)
Reload value
(hex)
Deviation error
625K
1.6
2
0002
20%
38.4K
26.042
26
001A
0.160%
19.2K
52.083
52
0034
0.160%
9600
104.167
104
0068
0.160%
4800
208.333
208
00D0
0.160%
2400
416.667
417
01A1
0.080%
1200
833.333
833
0341
0.040%
600
1666.667
1667
0683
0.020%
300
3333.333
3333
0D05
0.010%
75
13333.333
13333
3415
0.003%
Table 44. Baud rates with fAPB = 20 MHz
Baud rate
Reload value
(exact)
Reload value
(integer)
Reload value
(hex)
Deviation error
625K2
20002
0%
38.4K
32.552
33
0021
1.358%
19.2K
65.104
65
0041
0.160%
9600
130.208
130
0082
0.160%
4800
260.417
260
0104
0.160%
2400
520.833
521
0209
0.032%
1200
1041.667
1042
0412
0.032%
600
2083.333
2083
0823
0.016%
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com