Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 208 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 208 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 204Page - STMicroelectronics STR720RXH6 Datasheet HTML 205Page - STMicroelectronics STR720RXH6 Datasheet HTML 206Page - STMicroelectronics STR720RXH6 Datasheet HTML 207Page - STMicroelectronics STR720RXH6 Datasheet HTML 208Page - STMicroelectronics STR720RXH6 Datasheet HTML 209Page - STMicroelectronics STR720RXH6 Datasheet HTML 210Page - STMicroelectronics STR720RXH6 Datasheet HTML 211Page - STMicroelectronics STR720RXH6 Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
208/401
18.4.8
Basic Mode
The CAN Core can be set in Basic Mode by programming the Test Register bit Basic to one.
In this mode, the CAN Peripheral runs without the Message RAM.
The IF1 Registers are used as Transmit Buffer. The transmission of the contents of the IF1
Registers are requested by writing the Busy bit of the IF1 Command Request Register to one.
The IF1 Registers are locked while the Busy bit is set. The Busy bit indicates that the
transmission is pending.
As soon the CAN bus is idle, the IF1 Registers are loaded into the shift register of the CAN
Core and the transmission is started. When the transmission has been completed, the Busy
bit is reset and the locked IF1 Registers are released.
A pending transmission can be aborted at any time by resetting the Busy bit in the IF1
Command Request Register while the IF1 Registers are locked. If the CPU has reset the
Busy bit, a possible retransmission in case of lost arbitration or in case of an error is disabled.
The IF2 Registers are used as a Receive Buffer. After the reception of a message the
contents of the shift register is stored into the IF2 Registers, without any acceptance filtering.
Additionally, the actual contents of the shift register can be monitored during the message
transfer. Each time a read Message Object is initiated by writing the Busy bit of the IF2
Command Request Register to one, the contents of the shift register are stored in the IF2
Registers.
In Basic Mode, the evaluation of all Message Object related control and status bits and the
control bits of the IFn Command Mask Registers are turned off. The message number of the
Command request registers is not evaluated. The NewDat and MsgLst bits in the IF2
Message Control Register retain their function, DLC3-0 indicate the received DLC, and the
other control bits are read as ‘0’.
18.4.9
Software Control of CAN_TX Pin
Four output functions are available for the CAN transmit pin, CAN_TX. In addition to its default
function (serial data output), the CAN transmit pin can drive the CAN Sample Point signal to
monitor CAN_Core’s bit timing and it can drive constant dominant or recessive values. The
latter two functions, combined with the readable CAN receive pin CAN_RX, can be used to
check the physical layer of the CAN bus.
The output mode for the CAN_TX pin is selected by programming the Tx1 and Tx0 bits of the
CAN Test Register.
The three test functions of the CAN_TX pin interfere with all CAN protocol functions. CAN_TX
must be left in its default function when CAN message transfer or any of the test modes (Loop
Back Mode, Silent Mode, or Basic Mode) are selected.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com