Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 212 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 212 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 208Page - STMicroelectronics STR720RXH6 Datasheet HTML 209Page - STMicroelectronics STR720RXH6 Datasheet HTML 210Page - STMicroelectronics STR720RXH6 Datasheet HTML 211Page - STMicroelectronics STR720RXH6 Datasheet HTML 212Page - STMicroelectronics STR720RXH6 Datasheet HTML 213Page - STMicroelectronics STR720RXH6 Datasheet HTML 214Page - STMicroelectronics STR720RXH6 Datasheet HTML 215Page - STMicroelectronics STR720RXH6 Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
212/401
Note
The busoff recovery sequence (see CAN Specification Rev. 2.0) cannot be
shortened by setting or resetting the Init bit. If the device goes in the busoff state, it
will set Init of its own accord, stopping all bus activities. Once Init has been cleared
by the CPU, the device will then wait for 129 occurrences of Bus Idle (129 * 11
consecutive recessive bits) before resuming normal operations. At the end of the
busoff recovery sequence, the Error Management Counters will be reset.
During the waiting time after resetting Init, each time a sequence of 11 recessive bits has
been monitored, a Bit0Error code is written to the Status Register, enabling the CPU to readily
check up whether the CAN bus is stuck at dominant or continuously disturbed and to monitor
the proceeding of the busoff recovery sequence.
Bit 1
IE: Module Interrupt Enable
0: Disabled.
1: Enabled.
Bit 0
Init Initialization
0: Normal Operation.
1: Initialization is started.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com