Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 214 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 214 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 210Page - STMicroelectronics STR720RXH6 Datasheet HTML 211Page - STMicroelectronics STR720RXH6 Datasheet HTML 212Page - STMicroelectronics STR720RXH6 Datasheet HTML 213Page - STMicroelectronics STR720RXH6 Datasheet HTML 214Page - STMicroelectronics STR720RXH6 Datasheet HTML 215Page - STMicroelectronics STR720RXH6 Datasheet HTML 216Page - STMicroelectronics STR720RXH6 Datasheet HTML 217Page - STMicroelectronics STR720RXH6 Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
214/401
Bits 2:0
LEC[2:0]: Last Error Code (Type of the last error to occur on the CAN bus)
The LEC field holds a code, which indicates the type of the last error to
occur on the CAN bus. This field will be cleared to ‘0’ when a message has
been transferred (reception or transmission) without error. The unused code
‘7’ may be written by the CPU to check for updates. Table 49 describes the
error codes.
Table 49. Error Codes
Error Code
Meaning
0No Error
1
Stuff Error: More than 5 equal bits in a sequence have occurred in a part of a
received message where this is not allowed.
2
Form Error: A fixed format part of a received frame has the wrong format.
3
AckError: The message this CAN Core transmitted was not acknowledged by
another node.
4
Bit1Error: During the transmission of a message (with the exception of the arbitra-
tion field), the device wanted to send a recessive level (bit of logical value ‘1’), but
the monitored bus value was dominant.
5
Bit0Error: During the transmission of a message (or acknowledge bit, or active
error flag, or overload flag), though the device wanted to send a dominant level
(data or identifier bit logical value ‘0’), but the monitored Bus value was recessive.
During busoff recovery, this status is set each time a sequence of 11 recessive bits
has been monitored. This enables the CPU to monitor the proceedings of the
busoff recovery sequence (indicating the bus is not stuck at dominant or continu-
ously disturbed).
6
CRCError: The CRC check sum was incorrect in the message received, the CRC
received for an incoming message does not match with the calculated CRC for the
received data.
7
Unused: When the LEC shows the value ‘7’, no CAN bus event was detected since
the CPU wrote this value to the LEC.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com