Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 229 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 229 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 225Page - STMicroelectronics STR720RXH6 Datasheet HTML 226Page - STMicroelectronics STR720RXH6 Datasheet HTML 227Page - STMicroelectronics STR720RXH6 Datasheet HTML 228Page - STMicroelectronics STR720RXH6 Datasheet HTML 229Page - STMicroelectronics STR720RXH6 Datasheet HTML 230Page - STMicroelectronics STR720RXH6 Datasheet HTML 231Page - STMicroelectronics STR720RXH6 Datasheet HTML 232Page - STMicroelectronics STR720RXH6 Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
229/401
Dir
Message Direction
1: Direction = transmit: On TxRqst, the respective Message Object is
transmitted as a Data Frame. On reception of a Remote Frame with
matching identifier, the TxRqst bit of this Message Object is set (if RmtEn =
one).
0: Direction = receive: On TxRqst, a Remote Frame with the identifier of
this Message Object is transmitted. On reception of a Data Frame with
matching identifier, that message is stored in this Message Object.
MDir
Mask Message Direction
1: The message direction bit (Dir) is used for acceptance filtering.
0: The message direction bit (Dir) has no effect on the acceptance filtering.
EoB
End of Buffer
1: Single Message Object or last Message Object of a FIFO Buffer.
0: Message Object belongs to a FIFO Buffer and is not the last
Message Object of that FIFO Buffer.
Note
This bit is used to concatenate two or more Message Objects (up
to 32) to build a FIFO Buffer. For single Message Objects (not
belonging to a FIFO Buffer), this bit must always be set to one.
For details on the concatenation of Message Objects see Section
“Configuring a FIFO Buffer”.
NewDat
New Data
1: The Message Handler or the application software has written new data
into the data portion of this Message Object.
0: No new data has been written into the data portion of this Message
Object by the Message Handler since last time this flag was cleared by the
application software.
MsgLst
Message Lost (only valid for Message Objects with direction = receive)
1: The Message Handler stored a new message into this object when
NewDat was still set, the CPU has lost a message.
0: No message lost since last time this bit was reset by the CPU.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com