Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 232 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 232 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 228Page - STMicroelectronics STR720RXH6 Datasheet HTML 229Page - STMicroelectronics STR720RXH6 Datasheet HTML 230Page - STMicroelectronics STR720RXH6 Datasheet HTML 231Page - STMicroelectronics STR720RXH6 Datasheet HTML 232Page - STMicroelectronics STR720RXH6 Datasheet HTML 233Page - STMicroelectronics STR720RXH6 Datasheet HTML 234Page - STMicroelectronics STR720RXH6 Datasheet HTML 235Page - STMicroelectronics STR720RXH6 Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
232/401
18.5.4
Message Handler Registers
All Message Handler registers are read-only. Their contents, TxRqst, NewDat, IntPnd, and
MsgVal bits of each Message Object and the Interrupt Identifier is status information provided
by the Message Handler FSM.
Interrupt Identifier Register (CAN_IDR)
Address Offset: 10h
Reset value: 0000h
15
14
13
12
11
10
9876
5432
1
0
IntId[15:0]
r
Bits 15:0
IntId15:0 Interrupt Identifier (Table 52 indicates the source of the interrupt)
If several interrupts are pending, the CAN Interrupt Register will point to the
pending interrupt with the highest priority, disregarding their chronological
order. An interrupt remains pending until the application software has
cleared it. If IntId is different from 0x0000 and IE is set, the IRQ interrupt
signal to the EIC is active. The interrupt remains active until IntId is back to
value 0x0000 (the cause of the interrupt is reset) or until IE is reset.
The Status Interrupt has the highest priority. Among the message
interrupts, the Message Object’ s interrupt priority decreases with
increasing message number.
A message interrupt is cleared by clearing the Message Object’s IntPnd
bit. The Status Interrupt is cleared by reading the Status Register.
Table 52. Source of Interrupts
0x0000
No Interrupt is Pending
0x0001-0x0020
Number of Message Object which caused the interrupt.
0x0001-0x0020
Number of Message Object which caused the interrupt.
0x0021-0x7FFF
unused
0x8000
Status Interrupt
0x8001-0xFFFF
unused
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com