Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 285 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 285 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 281Page - STMicroelectronics STR720RXH6 Datasheet HTML 282Page - STMicroelectronics STR720RXH6 Datasheet HTML 283Page - STMicroelectronics STR720RXH6 Datasheet HTML 284Page - STMicroelectronics STR720RXH6 Datasheet HTML 285Page - STMicroelectronics STR720RXH6 Datasheet HTML 286Page - STMicroelectronics STR720RXH6 Datasheet HTML 287Page - STMicroelectronics STR720RXH6 Datasheet HTML 288Page - STMicroelectronics STR720RXH6 Datasheet HTML 289Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
285/401
Bit 13
ERR: Error
This flag is set whenever one of the errors listed below has occurred:
NANS: No ANSwer. The timeout for a host response has expired.
CRC: Cyclic Redundancy Check error. One of the received CRCs, either in the
token or in the data, was wrong.
BST: Bit Stuffing error. A bit stuffing error was detected anywhere in the PID,
data, and/or CRC.
FVIO: Framing format Violation. A non-standard frame was received (EOP not
in the right place, wrong token sequence, etc.).
The USB software can usually ignore errors, since the USB Peripheral and the
PC host manage retransmission in case of errors in a fully transparent way. This
interrupt can be useful during the software development phase, or to monitor
the quality of transmission over the USB bus, to flag possible problems to the
user (e.g. loose connector, too noisy environment, broken conductor in the USB
cable and so on). This bit is read/write but only ‘0’ can be written and writing ‘1’
has no effect.
Bit 12
WKUP: Wake up
This bit is set to 1 by the hardware when, during suspend mode, activity is
detected that wakes up the USB Peripheral. This event asynchronously clears
the LP_MODE bit in the CTLR register and activates the USB_WAKEUP line,
which can be used to notify the rest of the device (e.g. wake-up unit) about the
start of the resume process. This bit is read/write but only ‘0’ can be written and
writing ‘1’ has no effect.
Bit 11
SUSP Suspend mode request
This bit is set by the hardware when no traffic has been received for 3mS,
indicating a suspend mode request from the USB bus. The suspend condition
check is enabled immediately after any USB reset and it is disabled by the
hardware when the suspend mode is active (FSUSP=1) until the end of resume
sequence. This bit is read/write but only ‘0’ can be written and writing ‘1’ has no
effect.
Bit 10
RESET: USB RESET request
Set when the USB Peripheral detects an active USB RESET signal at its inputs.
The USB Peripheral, in response to a RESET, just resets its internal protocol
state machine, generating an interrupt if RESETM enable bit in the USB_CNTR
register is set. Reception and transmission are disabled until the RESET bit is
cleared. All configuration registers do not reset: the microcontroller must
explicitly clear these registers (this is to ensure that the RESET interrupt can be
safely delivered, and any transaction immediately followed by a RESET can be
completed). The function address and endpoint registers are reset by an USB
reset event.
This bit is read/write but only ‘0’ can be written and writing ‘1’ has no effect.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com