Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 287 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 287 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 283Page - STMicroelectronics STR720RXH6 Datasheet HTML 284Page - STMicroelectronics STR720RXH6 Datasheet HTML 285Page - STMicroelectronics STR720RXH6 Datasheet HTML 286Page - STMicroelectronics STR720RXH6 Datasheet HTML 287Page - STMicroelectronics STR720RXH6 Datasheet HTML 288Page - STMicroelectronics STR720RXH6 Datasheet HTML 289Page - STMicroelectronics STR720RXH6 Datasheet HTML 290Page - STMicroelectronics STR720RXH6 Datasheet HTML 291Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
287/401
Bits 3:0
EP_ID[3:0]: Endpoint Identifier.
These bits are written by the hardware according to the endpoint number, which
generated the interrupt request. If several endpoint transactions are pending,
the hardware writes the endpoint identifier related to the endpoint having the
highest priority defined in the following way: Two endpoint sets are defined, in
order of priority: Isochronous and double-buffered bulk endpoints are
considered first and then the other endpoints are examined. If more than one
endpoint from the same set is requesting an interrupt, the EP_ID bits in
USB_ISTR register are assigned according to the lowest requesting endpoint
register, EP0R having the highest priority followed by EP1R and so on. The
application software can assign a register to each endpoint according to this
priority scheme, so as to order the concurring endpoint requests in a suitable
way. These bits are read only.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com