Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 291 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 291 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 287Page - STMicroelectronics STR720RXH6 Datasheet HTML 288Page - STMicroelectronics STR720RXH6 Datasheet HTML 289Page - STMicroelectronics STR720RXH6 Datasheet HTML 290Page - STMicroelectronics STR720RXH6 Datasheet HTML 291Page - STMicroelectronics STR720RXH6 Datasheet HTML 292Page - STMicroelectronics STR720RXH6 Datasheet HTML 293Page - STMicroelectronics STR720RXH6 Datasheet HTML 294Page - STMicroelectronics STR720RXH6 Datasheet HTML 295Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
291/401
19.6.2
Endpoint-Specific Registers
The number of these registers varies according to the number of endpoints that the USB
Peripheral is designed to handle. The USB Peripheral supports up to 8 endpoints. Each USB
device must support a control endpoint whose address (EA bits) must be set to 0. The USB
Peripheral behaves in an undefined way if multiple endpoints are enabled having the same
endpoint number value. For each endpoint, an USB_EPnR register is available to store the
endpoint specific information.
USB Endpoint n Register (USB_EPnR)
Address Offset: 00h to 2Ch
Reset value: 0000 0000 0000 0000b (0000h)
They are also reset when an USB reset is received from the USB bus or forced through bit
FRES in the CTLR register, except the CTR_RX and CTR_TX bits, which are kept unchanged
to avoid missing a correct packet notification immediately followed by an USB reset event.
Each endpoint has its USB_EPnR register where n is the endpoint identifier.
Read-modify-write cycles on these registers should be avoided because between the read
and the write operations some bits could be set by the hardware and the next write would
modify them before the microprocessor has the time to detect the change. For this purpose,
all bits affected by this problem have an ‘invariant’ value that must be used whenever their
modification is not required. It is recommended to modify these registers with a load
instruction where all the bits, which can be modified only by the hardware, are written with
their ‘invariant’ value.
15
14
13
12
11
10
98
765
43
21
0
STAT
RX[1:0]
EP
TYPE[1:0]
STAT
TX[1:0]
EA[3:0]
r-c
t
t
r
rw
rw
r-c
t
t
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com