Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 295 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 295 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 291Page - STMicroelectronics STR720RXH6 Datasheet HTML 292Page - STMicroelectronics STR720RXH6 Datasheet HTML 293Page - STMicroelectronics STR720RXH6 Datasheet HTML 294Page - STMicroelectronics STR720RXH6 Datasheet HTML 295Page - STMicroelectronics STR720RXH6 Datasheet HTML 296Page - STMicroelectronics STR720RXH6 Datasheet HTML 297Page - STMicroelectronics STR720RXH6 Datasheet HTML 298Page - STMicroelectronics STR720RXH6 Datasheet HTML 299Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
295/401
Bit 6
DTOG_TX: Data Toggle, for transmission transfers
If the endpoint is non-isochronous, this bit contains the required value of the
data toggle bit (0=DATA0, 1=DATA1) for the next data packet to be transmitted.
Hardware toggles this bit when the ACK handshake is received from the USB
host, following a data packet transmission. If the endpoint is defined as a
control one, hardware sets this bit to 1 at the reception of a SETUP PID
addressed to this endpoint.
If the endpoint is using the double buffer feature, this bit is used to support
packet buffer swapping too (Refer to Section “Double-Buffered Endpoints”)
If the endpoint is Isochronous, this bit is used to support packet buffer
swapping since no data toggling is used for this sort of endpoints and only
DATA0 packet are transmitted (Refer to section “Isochronous Transfers”).
Hardware toggles this bit just after the end of data packet transmission, since
no handshake is used for Isochronous transfers.
This bit can also be toggled by the software to initialize its value (mandatory
when the endpoint is not a control one) or to force a specific data toggle/
packet buffer usage. When the application software writes ‘0’, the value of
DTOG_TX remains unchanged, while writing ‘1’ makes the bit value toggle.
This bit is read/write but it can only be toggled by writing 1.
Bit 5:4
STAT_TX [1:0] Status bits, for transmission transfers
These bits contain the information about the endpoint status, listed in Table
65. These bits can be toggled by the software to initialize their value. When
the application software writes ‘0’, the value remains unchanged, while writing
‘1’ makes the bit value toggle. Hardware sets the STAT_TX bits to NAK, when
a correct transfer has occurred (CTR_TX=1) corresponding to a IN or SETUP
(control only) transaction addressed to this endpoint. It then waits for the
software to prepare the next set of data to be transmitted.
Double-buffered bulk endpoints implement a special transaction flow control,
which controls the status based on buffer availability condition (Refer to
Section “Double-Buffered Endpoints”).
If the endpoint is defined as Isochronous, its status can only be “VALID” or
“DISABLED”. Therefore, the hardware cannot change the status of the
endpoint after a successful transaction. If the software sets the STAT_TX bits
to ‘STALL’ or ‘NAK’ for an Isochronous endpoint, the USB Peripheral
behaviour is not defined. These bits are read/write but they can be only
toggled by writing ‘1’.
Bit 3:0
EA[3:0] Endpoint Address.
Software must write in this field the 4-bit address used to identify the
transactions directed to this endpoint. A value must be written before enabling
the corresponding endpoint.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com