Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 292 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 292 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 288Page - STMicroelectronics STR720RXH6 Datasheet HTML 289Page - STMicroelectronics STR720RXH6 Datasheet HTML 290Page - STMicroelectronics STR720RXH6 Datasheet HTML 291Page - STMicroelectronics STR720RXH6 Datasheet HTML 292Page - STMicroelectronics STR720RXH6 Datasheet HTML 293Page - STMicroelectronics STR720RXH6 Datasheet HTML 294Page - STMicroelectronics STR720RXH6 Datasheet HTML 295Page - STMicroelectronics STR720RXH6 Datasheet HTML 296Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
292/401
Bit 15
CTR_RX: Correct Transfer for reception
This bit is set by the hardware when an OUT/SETUP transaction is
successfully completed on this endpoint; the software can only clear this bit. If
the CTRM bit in USB_CNTR register is set accordingly, a generic interrupt
condition is generated together with the endpoint related interrupt condition,
which is always activated. The type of occurred transaction, OUT or SETUP,
can be determined from the SETUP bit described below.
A transaction ended with a NAK or STALL handshake does not set this bit,
since no data is actually transferred, as in the case of protocol errors or data
toggle mismatches.
This bit is read/write but only ‘0’ can be written, writing 1 has no effect.
Bit 14
DTOG_RX: Data Toggle, for reception transfers
If the endpoint is not Isochronous, this bit contains the expected value of the
data toggle bit (0=DATA0, 1=DATA1) for the next data packet to be received.
Hardware toggles this bit, when the ACK handshake is sent to the USB host,
following a data packet reception having a matching data PID value; if the
endpoint is defined as a control one, hardware clears this bit at the reception
of a SETUP PID addressed to this endpoint.
If the endpoint is using the double-buffering feature this bit is used to support
packet buffer swapping too (Refer to Section “Double-Buffered Endpoints”).
If the endpoint is Isochronous, this bit is used only to support packet buffer
swapping since no data toggling is used for this sort of endpoints and only
DATA0 packet are transmitted (Refer to Section “Isochronous Transfers”).
Hardware toggles this bit just after the end of data packet reception, since no
handshake is used for isochronous transfers.
This bit can also be toggled by the software to initialize its value (mandatory
when the endpoint is not a control one) or to force specific data toggle/packet
buffer usage. When the application software writes ‘0’, the value of DTOG_RX
remains unchanged, while writing ‘1’ makes the bit value toggle. This bit is
read/write but it can be only toggled by writing 1.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com