Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 290 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 290 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 286Page - STMicroelectronics STR720RXH6 Datasheet HTML 287Page - STMicroelectronics STR720RXH6 Datasheet HTML 288Page - STMicroelectronics STR720RXH6 Datasheet HTML 289Page - STMicroelectronics STR720RXH6 Datasheet HTML 290Page - STMicroelectronics STR720RXH6 Datasheet HTML 291Page - STMicroelectronics STR720RXH6 Datasheet HTML 292Page - STMicroelectronics STR720RXH6 Datasheet HTML 293Page - STMicroelectronics STR720RXH6 Datasheet HTML 294Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
290/401
Buffer Table Address (USB_BTABLE)
Address Offset: 50h
Reset Value: 0000 0000 0000 0000 (0000h)
15
14
13
12
11
10
98
76543
21
0
BTABLE[15:3]
Reserved
rw
Bits 15:3
BTABLE[15:3]: Buffer Table.
These bits contain the start address of the buffer allocation table inside the
dedicated packet memory. This table describes each endpoint buffer
location and size and it must be aligned to an 8 byte boundary (the 3 least
significant bits are always ‘0’). At the beginning of every transaction
addressed to this device, the USP peripheral reads the element of this
table related to the addressed endpoint, to get its buffer start location and
the buffer size (Refer to Section “Structure and Usage of Packet Buffers”).
Bits 2:0
Reserved.
These are reserved bits. These bits are always read as ‘0’ and must
always be written with ‘0’.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com