Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 294 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 294 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 290Page - STMicroelectronics STR720RXH6 Datasheet HTML 291Page - STMicroelectronics STR720RXH6 Datasheet HTML 292Page - STMicroelectronics STR720RXH6 Datasheet HTML 293Page - STMicroelectronics STR720RXH6 Datasheet HTML 294Page - STMicroelectronics STR720RXH6 Datasheet HTML 295Page - STMicroelectronics STR720RXH6 Datasheet HTML 296Page - STMicroelectronics STR720RXH6 Datasheet HTML 297Page - STMicroelectronics STR720RXH6 Datasheet HTML 298Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
294/401
Bit 8
EP_KIND: Endpoint Kind
The meaning of this bit depends on the endpoint type configured by the
EP_TYPE bits. Table 64 summarizes the different meanings.
DBL_BUF: This bit is set by the software to enable the double-buffering
feature for this bulk endpoint. The usage of double-buffered bulk endpoints is
explained in “Double-Buffered Endpoints”.
STATUS_OUT: This bit is set by the software to indicate that a status out
transaction is expected: in this case all OUT transactions containing more
than zero data bytes are answered ‘STALL’ instead of ‘ACK’. This bit may be
used to improve the robustness of the application to protocol errors during
control transfers and its usage is intended for control endpoints only. When
STATUS_OUT is reset, OUT transactions can have any number of bytes, as
required.
Bit 7
CTR_TX: Correct Transfer for transmission
This bit is set by the hardware when an IN transaction is successfully
completed on this endpoint; the software can only clear this bit. If the CTRM
bit in the USB_CNTR register is set accordingly, a generic interrupt condition
is generated together with the endpoint related interrupt condition, which is
always activated.
Note
A transaction ended with a NAK or STALL handshake does not set
this bit, since no data is actually transferred, as in the case of
protocol errors or data toggle mismatches.
This bit is read/write but only ‘0’ can be written.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com