Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 293 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 293 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 289Page - STMicroelectronics STR720RXH6 Datasheet HTML 290Page - STMicroelectronics STR720RXH6 Datasheet HTML 291Page - STMicroelectronics STR720RXH6 Datasheet HTML 292Page - STMicroelectronics STR720RXH6 Datasheet HTML 293Page - STMicroelectronics STR720RXH6 Datasheet HTML 294Page - STMicroelectronics STR720RXH6 Datasheet HTML 295Page - STMicroelectronics STR720RXH6 Datasheet HTML 296Page - STMicroelectronics STR720RXH6 Datasheet HTML 297Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
293/401
Bits
13:12
STAT_RX [1:0] Status bits, for reception transfers
These bits contain information about the endpoint status, which are listed in
Table 62, “Reception Status Encoding,” on page 296.These bits can be
toggled by software to initialize their value. When the application software
writes ‘0’, the value remains unchanged, while writing ‘1’ makes the bit value
toggle. Hardware sets the STAT_RX bits to NAK when a correct transfer has
occurred (CTR_RX=1) corresponding to a OUT or SETUP (control only)
transaction addressed to this endpoint, so the software has the time to
elaborate the received data before it acknowledge a new transaction
Double-buffered bulk endpoints implement a special transaction flow control,
which control the status based upon buffer availability condition (Refer to
Section “Double-Buffered Endpoints”).
If the endpoint is defined as Isochronous, its status can be only “VALID” or
“DISABLED”, so that the hardware cannot change the status of the endpoint
after a successful transaction. If the software sets the STAT_RX bits to ‘STALL’
or ‘NAK’ for an Isochronous endpoint, the USB Peripheral behaviour is not
defined. These bits are read/write but they can be only toggled by writing ‘1’.
Bit 11
SETUP: Setup transaction completed
This bit is read-only and it is set by the hardware when the last completed
transaction is a SETUP. This bit changes its value only for control endpoints. It
must be examined, in the case of a successful receive transaction (CTR_RX
event), to determine the type of transaction occurred. To protect the interrupt
service routine from the changes in SETUP bits due to next incoming tokens,
this bit is kept frozen while CTR_RX bit is at 1; its state changes when
CTR_RX is at 0. This bit is read-only.
Bits 10:9
EP_TYPE[1:0]: Endpoint type
These bits configure the behaviour of this endpoint as described in Table 63,
“Endpoint Type Encoding,” on page 296. Endpoint 0 must always be a control
endpoint and each USB function must have at least one control endpoint
which has address 0, but there may be other control endpoints if required.
Only control endpoints handle SETUP transactions, which are ignored by
endpoints of other kinds. SETUP transactions cannot be answered with NAK
or STALL. If a control endpoint is defined as NAK, the USB Peripheral will not
answer, simulating a receive error, in the receive direction when a SETUP
transaction is received. If the control endpoint is defined as STALL in the
receive direction, then the SETUP packet will be accepted anyway,
transferring data and issuing the CTR interrupt. The reception of OUT
transactions is handled in the normal way, even if the endpoint is a control
one.
Bulk and interrupt endpoints have very similar behaviour and they differ only in
the special feature available using the EP_KIND configuration bit.
The usage of Isochronous endpoints is explained in “Isochronous Transfers”
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com