Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 311 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 311 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 307Page - STMicroelectronics STR720RXH6 Datasheet HTML 308Page - STMicroelectronics STR720RXH6 Datasheet HTML 309Page - STMicroelectronics STR720RXH6 Datasheet HTML 310Page - STMicroelectronics STR720RXH6 Datasheet HTML 311Page - STMicroelectronics STR720RXH6 Datasheet HTML 312Page - STMicroelectronics STR720RXH6 Datasheet HTML 313Page - STMicroelectronics STR720RXH6 Datasheet HTML 314Page - STMicroelectronics STR720RXH6 Datasheet HTML 315Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
311/401
Figure 43. Timer Block Diagram
PERIPHERAL INTERFACE
COUNTER
ALTERNATE
REGISTER
OUTPUT
COMPARE
REGISTER
OUTPUT COMPARE
EDGE DETECT
OVERFLOW
DETECT
CIRCUIT
AMBA APB BUS
LATCH A
OCMPA
ICAPA
EXTCLK
CPU CLOCK
PWM
OCAE
ECKEN
EXEDG
IEDGA
OCBE OPM
FOLVB
OLVLA
OLVLB
FOLVA
ICAPB
LATCH B
OCMPB
16
16
16
16
CR1
6
16
16
16
16
16
EXEDG
TIMER INTERNAL BUS
CIRCUIT A
EDGE DETECT
CIRCUIT B
CIRCUIT
A
OUTPUT
COMPARE
REGISTER
B
INPUT
CAPTURE
REGISTER
A
INPUT
CAPTURE
REGISTER
B
CC0³
÷6
16 BIT
COUNTER
16
EN
ECKEN
1/CC
.
.
.
.
.
TOF
TOIE
TOI
ICFA
ICAIE
ICFB
ICBIE
OCFA
OCAIE OCFB
OCBIE
ICAI
ICBI
OCAI
OCBI
ICBIE
OCAIE
ICAIE
CC4
CC7
CC0
CC1
CC2
CC3
CC6 CC5
CR2
EFTI
IEDGB
OCFB
OCFA TOF
ICFB
ICFA
SR
TOIE
OCBIE
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com