Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 312 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 312 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 308Page - STMicroelectronics STR720RXH6 Datasheet HTML 309Page - STMicroelectronics STR720RXH6 Datasheet HTML 310Page - STMicroelectronics STR720RXH6 Datasheet HTML 311Page - STMicroelectronics STR720RXH6 Datasheet HTML 312Page - STMicroelectronics STR720RXH6 Datasheet HTML 313Page - STMicroelectronics STR720RXH6 Datasheet HTML 314Page - STMicroelectronics STR720RXH6 Datasheet HTML 315Page - STMicroelectronics STR720RXH6 Datasheet HTML 316Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
312/401
21.3.2
External Clock
The external clock (where available) is selected if ECKEN = 1 in CR1 register.
The status of the EXEDG bit determines the type of level transition on the external clock pin
EXTCLK that will trigger the counter.
The counter is synchronized with the rising edge of the internal clock coming from the APB
block.
At least four rising edges of the APB_CLK must occur between two consecutive active edges
of the external clock; thus the external clock frequency must be less than a quarter of the APB
clock frequency.
Figure 44. Counter Timing Diagram, internal clock divided by 2
Figure 45. Counter Timing Diagram, internal clock divided by 4
APB_CLK
FFFD FFFE FFFF 0000
0001
0002
0003
INTERNAL RESET
TIMER STROBE:
COUNTER REGISTER
OVERFLOW FLAG TOF
FFFC
FFFD
0000
0001
APB_CLK
INTERNAL RESET
TIMER STROBE
COUNTER REGISTER
OVERFLOW FLAG TOF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com