Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 321 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 321 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 317Page - STMicroelectronics STR720RXH6 Datasheet HTML 318Page - STMicroelectronics STR720RXH6 Datasheet HTML 319Page - STMicroelectronics STR720RXH6 Datasheet HTML 320Page - STMicroelectronics STR720RXH6 Datasheet HTML 321Page - STMicroelectronics STR720RXH6 Datasheet HTML 322Page - STMicroelectronics STR720RXH6 Datasheet HTML 323Page - STMicroelectronics STR720RXH6 Datasheet HTML 324Page - STMicroelectronics STR720RXH6 Datasheet HTML 325Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
321/401
If OLVLA=1 and OLVLB=0 the length of the pulse is the difference between the OCBR and
OCAR registers.
The OCiR register value required for a specific timing application can be calculated using the
following formula:
Where:
t
= Desired output compare period (seconds)
fAPB
= APB clock frequency (Hertz)
tPRESC
= Timer clock prescaler ((CC7..CC0)+1)
The Output Compare B event causes the counter to be initialized to FFFCh (See Figure 54).
Note
– The OCFA bit cannot be set by hardware in PWM mode, but OCFB is set every time counter
matches OCBR.
– The Input Capture function is available in PWM mode.
– When Counter = OCBR, then OCFB bit will be set. This can generate an interrupt if OCBIE
is set. This interrupt will help any application where pulse-width or period needs to be
changed interactively.
– When the Pulse Width Modulation (PWM) and One Pulse Mode (OPM) bits are both set with
FOLVA = 0, the PWM mode is the only active one, otherwise the OPM mode is the only ac-
tive one.
– The value loaded in OCBR must always be greater than that in OCAR to produce mean-
ingful waveforms. Note that 0000h is considered to be greater than FFFCh or FFFDh or
FFFEh or FFFFh.
– When OCAR > OCBR, no waveform will be generated.
Figure 53. Pulse Width Modulation Mode Cycle
OCiR Value =
t * fAPB
tPRESC
- 5
Counter
Counter is reset
to FFFCh
OCMPA = OLVLB
Counter
= OCBR
OCMPA = OLVLA
When
When
= OCAR
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com