Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 325 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 325 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 321Page - STMicroelectronics STR720RXH6 Datasheet HTML 322Page - STMicroelectronics STR720RXH6 Datasheet HTML 323Page - STMicroelectronics STR720RXH6 Datasheet HTML 324Page - STMicroelectronics STR720RXH6 Datasheet HTML 325Page - STMicroelectronics STR720RXH6 Datasheet HTML 326Page - STMicroelectronics STR720RXH6 Datasheet HTML 327Page - STMicroelectronics STR720RXH6 Datasheet HTML 328Page - STMicroelectronics STR720RXH6 Datasheet HTML 329Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
325/401
Note
All formulas in this chapter assume that APB_CLK is the clock driving the EFT. If
External clock (FEXT) is selected, replace (FAPB / TPRESC) by FEXT., where TPRESC =
(CC7..CC0 + 1).
21.4 Register Description
Each Timer is associated with two control and one status registers, and with six pairs of data
registers (16-bit values) relating to the two input captures, the two output compares, the
counter. Every register can have only an access by 16 bits, that means is not possible to read
or write only a byte.
Input Capture A Register (ICAR)
Address Offset: 00h
Reset value: xxxxh
This is a 16-bit read only register that contains the counter value transferred by the Input
Capture A event.
Figure 55. Pulse Width Modulation Input Mode Timing
15
14
13
12
11
10
9
8
765432
1
0
MSB
LSB
rrrrrr
r
r
rrrrr
r
r
r
COUNTER 34E2
0000
0001
2ED0 2ED1 2ED2
34E2 0000
ICAPA
capture A
capture B
capture A
0002
PERIOD = ICAPA
PULSE LENGTH = ICAPB
Capture A,
period measurement,
reset counter
Interrupt
Capture B,
pulse width measurement
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com