Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 345 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 345 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 341Page - STMicroelectronics STR720RXH6 Datasheet HTML 342Page - STMicroelectronics STR720RXH6 Datasheet HTML 343Page - STMicroelectronics STR720RXH6 Datasheet HTML 344Page - STMicroelectronics STR720RXH6 Datasheet HTML 345Page - STMicroelectronics STR720RXH6 Datasheet HTML 346Page - STMicroelectronics STR720RXH6 Datasheet HTML 347Page - STMicroelectronics STR720RXH6 Datasheet HTML 348Page - STMicroelectronics STR720RXH6 Datasheet HTML 349Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 401 page
background image
STR720 - GENERAL PURPOSE I/O PORTS
345/401
23.3.1
Input Configuration
When the IO Port is programmed as Input:
■
The Output Buffer is forced tristate
■
The data present on the IO pin is sampled into the Input Latch every clock cycle
■
A reading access to the Data register gets the value in the Input Latch.
The Figure 63 on page 345 shows the Input Configuration of the IO Port bit.
23.3.2
Bidirectional Configuration
When the IO Port is programmed as Bidirectional:
■
The Output Buffer is turned on in Weak Pull configuration (Port2)
■
The Output Buffer is turned on in Weak Push configuration (Port3, Port4)
■
A reading access to the IO Data register gets the Input Latch value.
Figure 63. Input Configuration
I/O PIN
Alternate Function (OUT)
Alternate Function (IN)
Tristate
CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com