Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 347 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 347 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 343Page - STMicroelectronics STR720RXH6 Datasheet HTML 344Page - STMicroelectronics STR720RXH6 Datasheet HTML 345Page - STMicroelectronics STR720RXH6 Datasheet HTML 346Page - STMicroelectronics STR720RXH6 Datasheet HTML 347Page - STMicroelectronics STR720RXH6 Datasheet HTML 348Page - STMicroelectronics STR720RXH6 Datasheet HTML 349Page - STMicroelectronics STR720RXH6 Datasheet HTML 350Page - STMicroelectronics STR720RXH6 Datasheet HTML 351Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 401 page
background image
STR720 - GENERAL PURPOSE I/O PORTS
347/401
23.3.3
Output Configuration
When the IO Port is programmed as Output:
■
The Output Buffer is turned on in Open Drain or Push-Pull configuration
■
The data in the Output Latch drives the IO pin
■
A reading access to the IO Data register gets the Output Latch value.
The Figure 66 on page 347 shows the Output Configuration of the IO Port bit.
23.3.4
Alternate Function Configuration
When the IO Port is programmed as Alternate Function:
■
The Output Buffer is turned on in Open Drain or Push-Pull configuration
■
The Output Buffer is driven by the signal coming from the peripheral (alternate function out)
■
The data present on the IO pin is sampled into the Input Latch every clock cycle
■
A reading access to the Data register gets the value in the Input Latch.
Figure 66. Output Configuration
I/O PIN
Alternate Function (OUT)
Alternate Function (IN)
Open Drain
Push-Pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com