Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 351 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 351 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 347Page - STMicroelectronics STR720RXH6 Datasheet HTML 348Page - STMicroelectronics STR720RXH6 Datasheet HTML 349Page - STMicroelectronics STR720RXH6 Datasheet HTML 350Page - STMicroelectronics STR720RXH6 Datasheet HTML 351Page - STMicroelectronics STR720RXH6 Datasheet HTML 352Page - STMicroelectronics STR720RXH6 Datasheet HTML 353Page - STMicroelectronics STR720RXH6 Datasheet HTML 354Page - STMicroelectronics STR720RXH6 Datasheet HTML 355Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 401 page
background image
STR720 - MISCELLANEA REGISTERS (GCR - CGC - AHB_ERR)
351/401
24 MISCELLANEA REGISTERS (GCR - CGC - AHB_ERR)
24.1 Introduction
This section collects the registers setting all the aspects of STR720 which can be configured
by software. Hereafter the specification of A-GCR, S-GCR and CGC blocks can be found,
allowing application software to select between different functional options, to check the
status of relevant internal configuration signals and to control clock and reset lines of most of
internal peripherals. At the end of this section, the specification of the AHB error detection
block is reported.
24.2 A-GCR Block description
This block contains the configuration settings related to the peripherals connected to the
A-APB subsystem.
A-APB Global Configuration Register 1 (AGCR1)
Address: 0xE000_1000
Reset value: 0x0000
Bit 15:3 = Reserved. These bits must be always written to 0.
Bit 2 = ADC_STOP: ADC STOP mode
This bit can temporarily stop sampling operation of the Analog to Digital Converter block
without affecting the programming of its configuration registers.
0: ADC is operating normally.
1: ADC operations are stopped.
Bit 1 = Reserved. This bit must be always written to 0.
Bit 0 = ADC_OFF: ADC analog section OFF
This bit controls the activation of the whole analog section contained in the ADC module,
where also internal current references used for clock pad are generated. When this bit is set
to ‘1’ all the analog circuitry in the ADC module is switched off.
0: ADC analog section is switched on.
1: ADC analog section is switched off.
Note
Be careful on setting ADC_OFF bit since it switches off the current references used
by clock pad and in this condition no clock signal can be supplied to the device
through CLK pad. If this configuration is required for extreme power reduction
purposes, STR720 must be put in SLOW mode before setting ADC_OFF bit,
otherwise the system will stop responding up to the next hardware reset event.
15
14
13
12
11
10
9
8
765432
1
0
Reserved
ADC_
STOP
Res.
ADC_
OFF
-rw
-
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com