Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 375 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 375 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 371Page - STMicroelectronics STR720RXH6 Datasheet HTML 372Page - STMicroelectronics STR720RXH6 Datasheet HTML 373Page - STMicroelectronics STR720RXH6 Datasheet HTML 374Page - STMicroelectronics STR720RXH6 Datasheet HTML 375Page - STMicroelectronics STR720RXH6 Datasheet HTML 376Page - STMicroelectronics STR720RXH6 Datasheet HTML 377Page - STMicroelectronics STR720RXH6 Datasheet HTML 378Page - STMicroelectronics STR720RXH6 Datasheet HTML 379Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
375/401
28.1.5
Pin input voltage
The input voltage measurement on a pin of the device is described in Figure 73.
28.2 Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high static
voltages, however it is advisable to take normal precautions to avoid application of any voltage
higher than the specified maximum rated voltages.
For proper operation it is recommended that VIN and VOUT be higher than VSS and lower than
VDD3. Reliability is enhanced if unused inputs are connected to an appropriate logic voltage
level (VDD, VDD3 or VSS).
Stresses exceeding above listed recommended “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional operation of the
Figure 73. Pin input voltage
Table 85. Voltage characteristics
Symbol
Parameter
Value
Unit
Min
Max
VDD3
Voltage on VDD3 pins with respect to ground (VSS)
-0.3
+3.6
V
VDD
Voltage on VDD pins with respect to ground (VSS)
-0.3
+2.0
V
VDDRTC Voltage on VDDRTC pin with respect to ground (VSS)
-0.3
+2.0
V
VDDPLL
Voltage on VDDPLL pin with respect to ground (VSS)
-0.3
+2.0
V
VSSPLL
Voltage on VSSPLL pin with respect to ground (VSS)VSS
VSS
V
VDD3P
Voltage on VDD3P pin with respect to ground (VSS)
-0.3
+3.6
V
VSSP
Voltage on VSSP pin with respect to ground (VSS)VSS
VSS
V
AVDD
Voltage on AVDD pin with respect to ground (VSS)-0.3
+3.6
V
AGND
Voltage on AGND pin with respect to ground (VSS)VSS
VSS
V
VIN
Voltage on any pin with respect to ground (VSS)-0.3
VDD3+0.3
V
IOV
Input current on any pin during overload condition
-10
+10
mA
ITOV
Absolute sum of all input currents during overload condition
| 75 |
mA
TST
Storage temperature
-55
+150
°C
ESD
ESD Susceptibility (Human Body Model)
2000
V
VIN
STR7 PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com