Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 378 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 378 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 374Page - STMicroelectronics STR720RXH6 Datasheet HTML 375Page - STMicroelectronics STR720RXH6 Datasheet HTML 376Page - STMicroelectronics STR720RXH6 Datasheet HTML 377Page - STMicroelectronics STR720RXH6 Datasheet HTML 378Page - STMicroelectronics STR720RXH6 Datasheet HTML 379Page - STMicroelectronics STR720RXH6 Datasheet HTML 380Page - STMicroelectronics STR720RXH6 Datasheet HTML 381Page - STMicroelectronics STR720RXH6 Datasheet HTML 382Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
378/401
28.5 Thermal characteristics
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using the
following equation:
TJ = TA + (PD x ΘJA)(1)
Where:
– TA is the Ambient Temperature in °C,
–
Θ
JA is the Package Junction-to-Ambient Thermal Resistance, in °C/W,
–PD is the sum of PINT and PI/O (PD = PINT + PPORT),
–PINT is the product of IDD and VDD, expressed in Watt. This is the Chip Internal Power,
–PPORT represents the Power Dissipation on Input and Output Pins; User Determined.
PPORT is going to be significant when the device is configured to drive continuously external
memories and/or modules, otherwise PPORT< PINT and it might be neglected.
An approximate relationship between PD and TJ (if PPORT is neglected) is given by:
PD = K / (TJ + 273°C)
(2)
Therefore (solving equations 1 and 2):
K = PD x (TA + 273°C) + ΘJA x PD
2
(3)
Where:
– K is a constant for the particular part, which may be determined from equation (3) by mea-
suring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ
may be obtained by solving equations (1) and (2) iteratively for any value of TA.
1.
The power dissipation is obtained from the formula PD=PINT+PPORT where:
PINT is the chip internal power (IDDxVDD)
PPORT is the port power dissipation determined by the user.
2.
The average chip-junction temperature can be obtained from the formula TJ = TA + PD x ΘJA.
Table 91. Thermal Characteristics
Symbol
Description
Value
Unit
Min
Max
Θ
JA
Thermal Resistance Junction-Ambient
PQFP 208 - 28 x 28 x 3.4mm / 0.5 mm pitch
-48
°C/W
PD
Power dissipation(1)
PQFP208 - 28 x 28 x 3.4mm / 0.5 mm pitch
--
mW
TJ
Junction temperature(2)
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com