Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 381 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 381 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 377Page - STMicroelectronics STR720RXH6 Datasheet HTML 378Page - STMicroelectronics STR720RXH6 Datasheet HTML 379Page - STMicroelectronics STR720RXH6 Datasheet HTML 380Page - STMicroelectronics STR720RXH6 Datasheet HTML 381Page - STMicroelectronics STR720RXH6 Datasheet HTML 382Page - STMicroelectronics STR720RXH6 Datasheet HTML 383Page - STMicroelectronics STR720RXH6 Datasheet HTML 384Page - STMicroelectronics STR720RXH6 Datasheet HTML 385Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
381/401
28.7.2
CLK pad characteristics (External Clock Source)
These pads are used to provide clock signal to STR720 system from an external clock source.
Since their electrical characteristics are different from normal I/O pads they are hereafter
reported in a specific table.
1.
VDD(all) = 1.80 V ± 10%, VDD3(all) = 3.30 V ± 10%, TA = -40 / +85 °C unless otherwise specified.
2.
Data based on design guidelines and validation, not tested in production.
Table 94. DC CLK pad characteristics
Symbol
Parameter
Test Conditions(1)
Value
Unit
Min
Typ
Max
VDD3P
Supply Voltage for CLK input
buffer.
3.14
3.30
3.47
V
VREF
Reference Voltage for CLK
input signal (2)
VREF =(VDD3P -1)*0.9
±
± 60 mV
1.87
2.1
2.28
V
VREF_R
Recommended reference Volt-
age for CLK input signal
1.6
-
2.0
V
VIHP
(CLK)
Main CLK Clock (CLK) Input
high level (2)
See Figure 75
VREF + 0.2
-
-
V
VILP
(CLK)
Main CLK Clock (CLK) Input
low level (2)
See Figure 75
--
VREF - 0.2
V
Table 95. AC CLK pad characteristics
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
tw(HP)
tw(LP)
Main CLK Clock (CLK) high or
low time (2)
See Figure 75
14.29
-
-
ns
tr(P)
tf(P)
Main CLK Clock (CLK) rise or
fall time (2)
See Figure 75
--
7
ns
IL
CLK Input leakage current
VSS ≤ VIN ≤ VDD3P
--
±1
µA
IDD3P_R
VDD3P RUN/IDLE mode cur-
rent
-2.75-
mA
IDD3P_S
VDD3P SLOW/STOP mode
current
-
-
10
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com