Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 382 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 382 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 378Page - STMicroelectronics STR720RXH6 Datasheet HTML 379Page - STMicroelectronics STR720RXH6 Datasheet HTML 380Page - STMicroelectronics STR720RXH6 Datasheet HTML 381Page - STMicroelectronics STR720RXH6 Datasheet HTML 382Page - STMicroelectronics STR720RXH6 Datasheet HTML 383Page - STMicroelectronics STR720RXH6 Datasheet HTML 384Page - STMicroelectronics STR720RXH6 Datasheet HTML 385Page - STMicroelectronics STR720RXH6 Datasheet HTML 386Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
382/401
28.7.3
PLL Characteristics
STR720 implements a PLL which combines different levels of frequency dividers with a
Voltage Controlled Oscillator (VCO) working as frequency multiplier. On chip PLL is used to
generate system clock from an external reference clock signal. Its characteristics in term of
generated clock accuracy depends heavily on the input signal and power supply quality.
In the following table, jitter is intended as the difference of the TMAX and TMIN, where TMAX is
maximum time period of the PLL output clock and TMIN is the minimum time period of the PLL
output clock. The value is expressed as ratio with respect to the average/nominal time period
of PLL output clock.
Jitter at the PLL output can be due to the many different reasons, the major contributors being
noise on input reference clock and noise on PLL supply (internally or externally generated).
PLL acts like a low pass filter for any jitter in the input clock. Input Clock jitter with the
frequencies within the PLL loop bandwidth is passed to the PLL output and higher frequency
jitter (frequency > PLL bandwidth) is attenuated @20dB/decade. This is the reason why,
depending on input clock noise spectral characteristics, jitter performance can be better when
PLL output is used as system clock than when PLL is bypassed.
Digital supply noise adds deterministic components to the PLL output jitter, independent on
multiplication factor. Its effects is strongly reduced thanks to particular care used in the
physical implementation and integration of the PLL module inside the device. Particular care
is thus recommended in board design for what concerns VDDPLL and clock routing.
Figure 75. Typical Application with External Clock Source
fCK
VILP
VIHP
tr(P)
tf(P)
tw(HP)
tw(LP)
IL
90%
10%
VREF
CLK
STR720
VREF
EXTERNAL CLOCK
SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com