Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 383 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 383 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 379Page - STMicroelectronics STR720RXH6 Datasheet HTML 380Page - STMicroelectronics STR720RXH6 Datasheet HTML 381Page - STMicroelectronics STR720RXH6 Datasheet HTML 382Page - STMicroelectronics STR720RXH6 Datasheet HTML 383Page - STMicroelectronics STR720RXH6 Datasheet HTML 384Page - STMicroelectronics STR720RXH6 Datasheet HTML 385Page - STMicroelectronics STR720RXH6 Datasheet HTML 386Page - STMicroelectronics STR720RXH6 Datasheet HTML 387Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
383/401
1.
VDD(all) = 1.80 V ± 10%, VDD3(all) = 3.30 V ± 10%, TA = -40 / +85 °C unless otherwise specified.
2.
Data based on design guidelines and validation, not tested in production.
3.
Data based on design characterization performed on sample devices, not tested in production.
28.7.4
32 kHz Real-Time Clock Oscillator
The RTC block can be driven by a crystal oscillator. In the application, the crystal and the load
capacitors have to be placed as close as possible to the oscillator pins in order to minimize
output distortion and start-up stabilization time. Refer to the crystal manufacturer for more
details (frequency, package, accuracy, etc.). A recommended configuration is shown on
Figure 76 and detailed on Table 97 whose values have been checked using standard crystals.
Table 96. PLL Characteristics
Symbol
Parameter
Test Conditions(1)
Value
Unit
Min
Typ
Max
VDDPLL
Supply Voltage for PLL
1.6
1.80
2.0
V
fREF
PLL Reference clock frequency
(2)
9-
27
MHz
fVCO
PLL VCO clock frequency(2)
-
-
1080
MHz
tLOCK
PLL lock-in time
80
116
±200
µs
TJITTER
Peak-to-peak PLL jitter val-
ue(3)
(TMAX-TMIN) / TOUT
VREF = 1.64 V
∆V
CLK = 400 mV
fCLK = 49.1 MHz
DIV2 enabled,M=11, D=4.
-2.9
3.5
%
σ
JITTER
Standard deviation PLL jitter
value(3)
σ(T) / T
OUT
same as above.
-0.5
0.7
%
IDDPLL_R
VDDPLL RUN mode current
Same as above
-
1.3
1.4
mA
IDDPLL_O
VDDPLL off current
-
-
20
nA
Figure 76. Crystal Oscillator typical application
CD
CG
RD
STR720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com