Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 387 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 387 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 383Page - STMicroelectronics STR720RXH6 Datasheet HTML 384Page - STMicroelectronics STR720RXH6 Datasheet HTML 385Page - STMicroelectronics STR720RXH6 Datasheet HTML 386Page - STMicroelectronics STR720RXH6 Datasheet HTML 387Page - STMicroelectronics STR720RXH6 Datasheet HTML 388Page - STMicroelectronics STR720RXH6 Datasheet HTML 389Page - STMicroelectronics STR720RXH6 Datasheet HTML 390Page - STMicroelectronics STR720RXH6 Datasheet HTML 391Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
387/401
28.10 USB - Universal Bus Interface
In order to implement a correct USB interface, a few external components are required to be
compliant to the protocol electrical characteristics. A possible application scheme is depicted
in Figure 77 and detailed in Table 102.
Hereafter the electrical characteristics of STR720 USB interface are reported. These values
are measured with a specific setup following USB standard recommendations and summed
up in the “Test Condition” column of the table, where RS is the series resistor value and CL the
capacitive load to GND connected to each USB pad.
Figure 77. USB typical application
Table 102. USB typical application recommendations
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
RS
Series resistor
Accuracy:
±5%
25.65
27
28.35
Ω
Rpu
Line pull-up resistor
Accuracy:
±5%
1.425
1.500
1.575
k
Ω
VTERM
Line termination voltage
3.0
3.3
3.6
V
VIHU
USB clock signal input high
level
Same as P2.10 GPIO
2
-
-
V
VILU
USB clock signal input low
level
Same as P2.10 GPIO
-
-
0.8
V
fCKU
USB clock signal frequency
Accuracy:
± 0.25%
47.88
48.00
48.12
MHz
Table 103. USB DC Characteristics
Symbol
Parameter
Test Conditions(1)
Value
Unit
Min
Typ
Max
VIL
Single-ended receiver
low level input voltage
--
0.8
V
VIH
Single-ended receiver
high level input voltage
2.0
-
-
V
VHYST
Single-ended receiver
hysteresis
-
400
0
mV
VDI
Differential input sensitivity
|USBDP - USBDM|
200
-
-
mV
VCM
Differential common mode
range(2)
Includes VDI range
0.8
-
2.5
V
STR720
USBDP (P2.15)
USBCLK (P2.10)
RS
RS
USBDM (P2.14)
Rpu
VTERM
D +
D -
USB CLOCK
SOURCE
fCKU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com