Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 385 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 385 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 381Page - STMicroelectronics STR720RXH6 Datasheet HTML 382Page - STMicroelectronics STR720RXH6 Datasheet HTML 383Page - STMicroelectronics STR720RXH6 Datasheet HTML 384Page - STMicroelectronics STR720RXH6 Datasheet HTML 385Page - STMicroelectronics STR720RXH6 Datasheet HTML 386Page - STMicroelectronics STR720RXH6 Datasheet HTML 387Page - STMicroelectronics STR720RXH6 Datasheet HTML 388Page - STMicroelectronics STR720RXH6 Datasheet HTML 389Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
385/401
28.8 AC and DC characteristics
The parameters listed in the following tables represent the electrical characteristics of
STR720 general purpose I/O pins and external memory interfaces (EMI and SDRAM). On
Table 99 the static characteristics are reported.
1.
VDD(all) = 1.80 V ± 10%, VDD3(all) = 3.30 V ± 10%, TA = -40 / +85 °C unless otherwise specified.
In the following table the dynamic characteristics of general purpose I/O pins and external
memory interfaces (EMI and SDRAM are reported). For a description of external memory
Table 99. DC Electrical Characteristics
Symbol
Parameter
Test Conditions(1)
Value
Unit
Min.
Typ
Max
VIH
Input high level TTL
P2(15,14,12:0), P3(12:0),
P4(4:0), P6(31:0),
P7(45,44,15:0),
JTDI, JTCK, JTMS
2.0
-
-
V
Input high level TTL Schmitt
Trigger (P2.13)
2.0
-
-
V
VIL
Input low level TTL
P2(15,14,12:0), P3(12:0),
P4(4:0), P6(31:0),
P7(45,44,15:0),
JTDI, JTCK, JTMS
--
0.8
V
Input low level TTL Schmitt
Trigger(P2.13)
--
0.8
V
VHYS
Input hysteresis TTL
Schmitt trigger
(P2.13)
0.4
-
-
V
VOH
Output High Level Standard
P2(15:0), P3(12:0), P4(3:0)
Push Pull, IOH = 2 mA
VDD3 - 0.8
-
-
V
Output High Level:
P4(4),P7(43:0),
JTDO, JTCK
Push Pull, IOH = 4 mA
VDD3 - 0.8
-
-
V
Output High Level:
P6(59:47,45:0)
Push Pull, IOH = 8 mA
VDD3 - 0.8
-
-
V
VOL
Output Low Level Standard
P2(15:0), P3(12:0), P4(3:0)
Push Pull, IOL= 2 mA
-
-
0.4
V
Output Low Level:
P4(4),P7(43:0),
JTDO, JTCK
Push Pull, IOL= 4 mA
-
-
0.4
V
Output Low Level:
P6(59:47,45:0)
Push Pull, IOL= 8 mA
-
-
0.4
V
RWPU
Weak pull-up resistor
P2(15:0)
-15-
k
Ω
RWPD
Weak pull-down resistor
P3(12:0), P4(3:0)
-15-
k
Ω
ILEAK
Input leakage current
-
-
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com