Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # BC856
Description  General Purpose Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC856 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  BC856 Datasheet HTML 1Page - First Silicon Co., Ltd BC856 Datasheet HTML 2Page - First Silicon Co., Ltd BC856 Datasheet HTML 3Page - First Silicon Co., Ltd BC856 Datasheet HTML 4Page - First Silicon Co., Ltd BC856 Datasheet HTML 5Page - First Silicon Co., Ltd BC856 Datasheet HTML 6Page - First Silicon Co., Ltd BC856 Datasheet HTML 7Page - First Silicon Co., Ltd BC856 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BC857/ BC858
I C , COLLECTOR CURRENT (mAdc)
Figure 1 Normalized DC Current Gain
I C, COLLECTOR CURRENT (mAdc)
Figure 2 “Saturation” and “On” Voltages
–0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
–200
V
CE= –10 V
TA = 25°C
2.0
1.5
1.0
0.7
0.5
0.3
0.2
–0.1
–0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50 –100
TA = 25°C
VBE(sat) @ I C /I B=10
VBE(on) @ VCE = –10 V
VCE(sat) @ I C /I B = 10
TA = 25°C
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
1.0
1.2
1.6
2.0
2.4
2.8
I B, BASE CURRENT (mA)
Figure 3 Collector Saturation Region
I C = –200 mA
–55°C to +125°C
I C , COLLECTOR CURRENT (mA)
Figure 4 Base–Emitter Temperature Coefficient
0
0
1
–
0
1
–
0
.
1
–
2
.
0
–
–0.02
–0.1
–1.0
–10
–20
–2.0
–1.6
–1.2
–0.8
–0.4
0
I C =
–10 mA
I C = –100 mA
IC= –20 mA
IC = –50 mA
VR , REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitances
IC , COLLECTOR CURRENT (mAdc)
Figure 6. Current–Gain – Bandwidth Product
TA=25 C
VCE =–10V
TA = 25 C
Cob
Cib
400
300
200
100
80
60
40
30
20
10.0
7.0
5.0
3.0
2.0
1.0
–0.4
–0.6
–1.0
–2.0
–4.0 –6.0
–10
–20 –30 –40
–0.5
–1.0
–2.0
–3.0
–5.0
–10
–20
–30
–50
2007. 12. 18
4/7
Revision No : 0
BC856 / 857 / 858 / 859S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com