Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # BC856
Description  General Purpose Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC856 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  BC856 Datasheet HTML 1Page - First Silicon Co., Ltd BC856 Datasheet HTML 2Page - First Silicon Co., Ltd BC856 Datasheet HTML 3Page - First Silicon Co., Ltd BC856 Datasheet HTML 4Page - First Silicon Co., Ltd BC856 Datasheet HTML 5Page - First Silicon Co., Ltd BC856 Datasheet HTML 6Page - First Silicon Co., Ltd BC856 Datasheet HTML 7Page - First Silicon Co., Ltd BC856 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –10 mA)
BC857 Series
BC858, BC859 Series
V(BR)CEO
–65
–45
–30
–
–
–
–
–
–
V
Collector–Emitter Breakdown Voltage
(IC = –10 µA, VEB = 0 )
BC857 Series
BC858, BC859 Series
V(BR)CES
–80
–50
–30
–
–
–
–
–
–
V
Collector–Base Breakdown Voltage
(IC = –10 µA )
BC857 Series
BC858, BC859 Series
V(BR)CBO
–80
–50
–30
–
–
–
–
–
–
V
Emitter–Base Breakdown Voltage
(IE = –1.0 µA )
BC857 Series
BC858, BC859 Series
V(BR)EBO
–5.0
–5.0
–5.0
–
–
–
–
–
–
V
Collector Cutoff Current (VCB = –30 V)
(VCB = –30 V, TA = 150 C)
ICBO
–
–
–
–
–15
–4.0
nA
µ
A
ON CHARACTERISTICS
DC Current Gain
(IC = –10 µA, VCE = –5.0 V)
BC857C, BC858C, BC859C
(IC = –2.0 mA, VCE = –5.0 V)
BC856B, BC857B, BC858B, BC859B
BC857C, BC858C, BC859C
hFE
–
–
–
125
220
420
90
150
270
180
290
520
–
–
–
250
475
800
–
Collector–Emitter Saturation Voltage
(IC = –10 mA, IB = –0.5 mA)
(IC = –100 mA, IB = –5.0 mA)
VCE(sat)
–
–
–
–
–0.3
–0.65
V
Base–Emitter Saturation Voltage
(IC = –10 mA, IB = –0.5 mA)
(IC = –100 mA, IB = –5.0 mA)
VBE(sat)
–
–
–0.7
–0.9
–
–
V
Base–Emitter On Voltage
(IC = –2.0 mA, VCE = –5.0 V)
(IC = –10 mA, VCE = –5.0 V)
VBE(on)
–0.6
–
–
–
–0.75
–0.82
V
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = –10 mA, VCE = –5.0 Vdc, f = 100 MHz)
fT
100
–
–
MHz
Output Capacitance
(VCB = –10 V, f = 1.0 MHz)
Cob
–
–
4.5
pF
Noise Figure
(IC = –0.2 mA, VCE = –5.0 Vdc, RS = 2.0 k Ω, f = 1.0 kHz, BW = 200 Hz)
BC856, BC857, BC858 Series
BC859 Series
NF
–
–
–
–
10
4.0
dB
2007. 12. 18
3/7
Revision No : 0
BC856 Series
BC856 Series
BC856 Series
BC856 Series
BC856B, BC857B, BC858B, BC859B
BC856A, BC857A, BC858A
BC856A, BC857A, BC858A
BC856 / 857 / 858 / 859S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com