Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BC856
Description  General Purpose Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC856 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BC856 Datasheet HTML 1Page - First Silicon Co., Ltd BC856 Datasheet HTML 2Page - First Silicon Co., Ltd BC856 Datasheet HTML 3Page - First Silicon Co., Ltd BC856 Datasheet HTML 4Page - First Silicon Co., Ltd BC856 Datasheet HTML 5Page - First Silicon Co., Ltd BC856 Datasheet HTML 6Page - First Silicon Co., Ltd BC856 Datasheet HTML 7Page - First Silicon Co., Ltd BC856 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Purpose Transistors
SOT–23
2
EMITT ER
3
CO LLECT O R
1
B ASE
3
xx
MARKING DIAGRAM
xx= Device Marking
(See Table Below)
PNP Silicon
• Moisture Sensitivity Level: 1
• ESD Rating – Human Body Model: >4000 V
– Machine Model: >400 V
•
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BC856
BC857
BC858, BC859
VCEO
–65
–45
–30
V
Collector-Base Voltage
BC856
BC857
BC858, BC859
VCBO
–80
–50
–30
V
Emitter–Base Voltage
VEBO
–5.0
V
Collector Current – Continuous
IC
–100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board,
(Note 1.) TA = 25 C
Derate above 25 C
PD
225
1.8
mW
mW/ C
Thermal Resistance,
Junction to Ambient
RθJA
556
C/W
Total Device Dissipation Alumina
Substrate, (Note 2.) TA = 25 C
Derate above 25 C
PD
300
2.4
mW
mW/ C
Thermal Resistance,
Junction to Ambient
RθJA
417
C/W
Junction and Storage Temperature
TJ , Tstg
–55 to
+150
C
1. FR–5 = 1.0 x 0.75 x 0.062 in
2. Alumina = 0.4 x 0 3 x 0.024 in. 99.5% alumina.
RoHS requirements.
We declare that the material of product compliance with
2007. 12. 18
1/7
SEMICONDUCTOR
TECHNICAL DATA
BC856 / 857 / 858 / 859S
Revision No : 0
1
3
2


Similar Part No. - BC856

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856 PHILIPS-BC856 Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Fairchild Semiconductor
BC856 FAIRCHILD-BC856 Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
General Semiconductor
BC856 GE-BC856 Datasheet
231Kb / 6P
Small Signal Transistors (PNP)
logo
KEC(Korea Electronics)
BC856 KEC-BC856 Datasheet
247Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC856 AUK-BC856 Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
More results

Similar Description - BC856

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com