Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLB32ZC570..QM Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # WLB32ZC570..QM
Description  WLB32 Industrial LED Light Bar (AC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB32ZC570..QM Datasheet(HTML) 4 Page - Banner Engineering Corp.

  WLB32ZC570..QM Datasheet HTML 1Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 2Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 3Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 4Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 5Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 6Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 7Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
180°
460
383
307
230
153
77
0
77
153
230
307
383
460
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Vertical Angle:
0° Vertical
90° Horizontal
300 lux
250 lux
200 lux
150 lux
100 lux
50 lux
Mount height of 1 meter (1 m)
25 lux
10 lux
2
2
2
1
1
1
0 m
0 m
1
2
50% max.
candela
Center Beam (lux)
4721 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 101.5°
Horizontal Spread: 128.2°
0.4 m
0.7 m
0.8 m
1.4 m
1.2 m
2.1 m
1.6 m
2.7 m
2937 lux
1359 lux
785 lux
2.0 m
3.4 m
621 lux
2.4 m
4.1 m
451 lux
Beam Width (m)
Vert.
Horiz.
Figure 4. 570 mm Models
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Center Beam (lux)
5371 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 102.7°
Horizontal Spread: 130.1°
0.4 m
0.7 m
0.8 m
1.4 m
1.3 m
2.1 m
1.7 m
2.9 m
3470 lux
1831 lux
1103 lux
2.1 m
3.6 m
899 lux
2.5 m
4.3 m
647 lux
Beam Width (m)
Vert.
Horiz.
450 lux
375 lux
300 lux
225 lux
150 lux
75 lux
Mount height of 1 meter (1 m)
25 lux
10 lux
2
2
2
1
1
1
0 m
0 m
1
2
50% max.
candela
180°
650
542
433
325
217
108
0
108
217
325
433
542
650
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Illuminance at a Distance
Vertical Angle:
0° Vertical
90° Horizontal
Figure 5. 850 mm Models
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Center Beam (lux)
5371 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 103.3°
Horizontal Spread: 129.7°
0.4 m
0.7 m
0.8 m
1.4 m
1.3 m
2.1 m
1.7 m
2.9 m
3639 lux
2008 lux
1274 lux
2.1 m
3.6 m
1065 lux
2.5 m
4.3 m
869 lux
Beam Width (m)
Vert.
Horiz.
600 lux
500 lux
400 lux
300 lux
200 lux
100 lux
Mount height of 1 meter (1 m)
50 lux
25 lux
2
2
2
1
1
1
0 m
0 m
1
2
50% max.
candela
180°
870
725
580
435
290
145
0
145
290
435
580
725
870
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Vertical Angle:
0° Vertical
90° Horizontal
Figure 6. 1130 mm Models
WLB32 Industrial LED Light Bar (AC)
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 176314 Rev. J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com