Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLB32ZC570..QM Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # WLB32ZC570..QM
Description  WLB32 Industrial LED Light Bar (AC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB32ZC570..QM Datasheet(HTML) 7 Page - Banner Engineering Corp.

  WLB32ZC570..QM Datasheet HTML 1Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 2Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 3Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 4Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 5Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 6Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 7Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Accessories
Wall Plug Cordsets
Model
Plug Type
Countries
Wire Gauge
Length
Dimensions
LQMAC-306
Flying Leads
18 AWG
1.8 m (6 ft)
38
10
18
LQMAC-306B
NEMA 5-15 grounded (IEC Type B)
United States, Canada,
Japan, Puerto Rico, Taiwan
LQMAC-306D
BS 546 (IEC Type D)
India
LQMAC-306EF
CEE 7/7 (IEC Type E or F)
Germany, France, South
Korea, The Netherlands,
Poland, Spain, Turkey
LQMAC-306G
BS 1363 (IEC Type G)
United Kingdom, Ireland,
Singapore, Vietnam
LQMAC-306I
AS/NZS 3112 (IEC Type I)
China, Australia, New
Zealand
LQMAC-306N
NBR 14136 (IEC Type N)
Brazil
LQMAC-310B
NEMA 5-15 grounded (IEC Type B)
United States, Canada,
Japan, Puerto Rico, Taiwan
3 m (10 ft)
Continuous Run/Cascade Cordsets
Model
Length
Style
Wire Gauge
Dimensions
LQMAEC-3005SS
0.15 m (0.5 ft)
Male straight/Male straight
18 AWG
38
10
14
18
14
38
LQMAEC-301SS
0.31 m (1 ft)
LQMAEC-303SS
0.91 m (3 ft)
LQMAEC-306SS
1.83 m (6 ft)
LQMAEC-312SS
3.66 m (12 ft)
LQMAEC-320SS
6.1 m (20 ft)
LQMAEC-330SS
9.14 m (30 ft)
Enclosure Accessories
LMBEDS Switch
•
Bracket with plunger switch to power lights when the enclosure is opened
•
Refer to datasheet
160672 for more information
Mounting Brackets
LMBWLB32
•
Replaces the bracket that ships with the
WLB32 light
•
Stainless steel
•
Includes 4 snap clips, 4 screws, and 2
insulator caps
20
36
12
2X Ø6.5
LMBWLB32-180S
•
Swivel bracket kit allows 180° of
movement
42
36
20
Ø6.4
WLB32 Industrial LED Light Bar (AC)
P/N 176314 Rev. J
www.bannerengineering.com - Tel: + 1 888 373 6767
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com