Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLB32ZC570..QM Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLB32ZC570..QM
Description  WLB32 Industrial LED Light Bar (AC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB32ZC570..QM Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLB32ZC570..QM Datasheet HTML 1Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 2Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 3Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 4Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 5Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 6Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 7Page - Banner Engineering Corp. WLB32ZC570..QM Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
Model without
Motion Detector
Model with
Motion Detector
Model with Eye
Shield and
Motion Detector
Banner’s WLB32 is an ultra-bright LED fixture that features an even light
output for a no glare ‘glow’. Suitable for a variety of environments and
applications, including work stations, machine lighting, control cabinets,
and manufacturing lines, the WLB32 uses advanced LED lighting
technology to provide a high-quality and maintenance free industrial
lighting solution for years.
•
Highly energy efficient for overall cost savings
•
High/Low/Off switch
•
Models with eye shield block side glare
•
Daisy chain power to multiple lights
•
Motion detection models available
•
Metal housing, shatterproof window
•
Easy installation with snap clips, or a choice of magnetic or
angle brackets
WLB32 Industrial LED Light Bars are available as cascadable models
that can be "daisy-chained" together for a continuous length of lighting,
with a minimum of wiring. Each light bar can be turned to high, low, or
off independently of the other lights, upstream or downstream, in the
chain. A double-ended accessory cordset must be used between each
pair of cascading lights.
90 to 264 V ac Models
Models
Lighted Length (mm)
Connector
Lumens
WLB32ZC285PBQMB
285
Custom Quick Disconnect
750
WLB32ZC570PBQMB
570
1500
WLB32ZC850PBQMB
850
2250
WLB32ZC1130PBQMB
1130
3000
The listed models include a U.S. power cable.
•
To order model with no power cable, omit the suffix "B" from the model number. For example, WLB32ZC285PBQM. For a
list of other countries' wall plug cables, refer to the Accessories list.
•
To order the light without the integral switch, omit the "PB" from the model number. For example, WLB32ZC285QMB.
•
To order the light with the integral motion detector, replace the 'PB' from the model number with 'M'. For example,
WLB32ZC285MQMB.
•
To order the light with the eye shield, add an 'E' after the length. For example, WLB32ZC285EPBQMB.
Important: Lea el siguiente instructivo antes de operar el luminario. Por favor descargue desde
www.bannerengineering.com toda la documentación técnica de los WLB32 Industrial LED Light Bar (AC),
disponibles en múltiples idiomas, para detalles del uso adecuado, aplicaciones, advertencias, y las
instrucciones de instalación de estos dispositivos.
Important: Lisez les instructions suivantes avant d'utiliser le luminaire. Veuillez télécharger la documentation
technique complète des WLB32 Industrial LED Light Bar (AC) sur notre site www.bannerengineering.com pour
les détails sur leur utilisation correcte, les applications, les notes de sécurité et les instructions de montage.
WLB32 Industrial LED Light Bar (AC)
Original Document
176314 Rev. J
13 August 2019
176314


Similar Part No. - WLB32ZC570..QM

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLB32 BANNER-WLB32 Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
WLB32C1130.. BANNER-WLB32C1130.. Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
WLB32C1130..Q BANNER-WLB32C1130..Q Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
WLB32C1130PB BANNER-WLB32C1130PB Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
WLB32C1130PBQ BANNER-WLB32C1130PBQ Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
More results

Similar Description - WLB32ZC570..QM

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR1Z1308 BETLUX-BL-AR1Z1308 Datasheet
64Kb / 4P
LED LIGHT BAR
REV NO: V.2
BL-AR1Z1715 BETLUX-BL-AR1Z1715 Datasheet
65Kb / 4P
LED LIGHT BAR
REV NO: V.2
BL-AR1Z3222 BETLUX-BL-AR1Z3222 Datasheet
65Kb / 4P
LED LIGHT BAR
REV NO: V.2
logo
LUMEX INC.
SSP-LB24MW024K10 LUMEX-SSP-LB24MW024K10 Datasheet
475Kb / 2P
LED LIGHT BAR
logo
Rohm
LBF7130-A0NRA ROHM-LBF7130-A0NRA Datasheet
178Kb / 4P
LED Light Bar
logo
Banner Engineering Corp...
WLB32 BANNER-WLB32 Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
WLB72B BANNER-WLB72B Datasheet
634Kb / 6P
WLB72B Industrial LED Light Bar (AC)
WLB92 BANNER-WLB92_V01 Datasheet
503Kb / 6P
WLB92 Industrial LED Light Bar (AC Quick Disconnect)
WLB92 BANNER-WLB92_V02 Datasheet
501Kb / 5P
WLB92 Industrial LED Light Bar (DC)
WLB92 BANNER-WLB92_V03 Datasheet
623Kb / 5P
WLB92 Industrial LED Light Bar (AC Conduit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com