Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6903 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6903
Description  1kHz - 68MHz Serial Port Programmable Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6903 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6903 Datasheet HTML 3Page - Linear Technology LTC6903 Datasheet HTML 4Page - Linear Technology LTC6903 Datasheet HTML 5Page - Linear Technology LTC6903 Datasheet HTML 6Page - Linear Technology LTC6903 Datasheet HTML 7Page - Linear Technology LTC6903 Datasheet HTML 8Page - Linear Technology LTC6903 Datasheet HTML 9Page - Linear Technology LTC6903 Datasheet HTML 10Page - Linear Technology LTC6903 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC6903/LTC6904
7
69034fa
Table 1. Output Frequency Range vs OCT Setting
(Frequency Resolution 0.001 • f)
f
≥
f <
OCT
34.05MHz
68.03MHz
15
17.02MHz
34.01MHz
14
8.511MHz
17.01MHz
13
4.256MHz
8.503MHz
12
2.128MHz
4.252MHz
11
1.064MHz
2.126MHz
10
532kHz
1063kHz
9
266kHz
531.4kHz
8
133kHz
265.7kHz
7
66.5kHz
132.9kHz
6
33.25kHz
66.43kHz
5
16.62kHz
33.22kHz
4
8.312kHz
16.61kHz
3
4.156kHz
8.304kHz
2
2.078kHz
4.152kHz
1
1.039kHz
2.076kHz
0
For example, to set a frequency of 6.5MHz, first look at
Table 1 to find an OCT value. 6.5MHz falls between
4.25MHz and 8.5MHz yielding an OCT value of 12 or 1100.
Substituting the OCT value of 12 and the desired frequency
of 6.5MHz into the previous equation results in:
DAC
Hz
eHz
==
+
2048
2078
2
65 6
707 113
10 12
–
() •
.(
)
.
()
Rounding 707.113 to the nearest integer yields a DAC
value of 707 (or a 10-bit digital word of 1011000011.)
Power Up State
When power is first applied to the LTC6903/LTC6904, all
register values are automatically reset to 0. This results in
an output frequency of 1.039kHz with both outputs active.
Output Spectrum
In most frequency ranges, the output of the LTC6903/
LTC6904 is generated as a division of the higher internal
clock frequency. This helps to minimize jitter and sub-
harmonics at the output of the device. In the highest
frequency ranges, the division ratio is reduced, which will
result in greater cycle-to-cycle jitter as well as spurs at the
internal sampling frequency. Because the internal control
loop runs at 1MHz to 2MHz without regard to the output
frequency, output spurs separated from the set frequency
by 1MHz to 2MHz may be observed. These spurs are
characteristically more than 30dB below the level of the set
frequency.
Frequency Settling
When frequency settings change, the settling time and
shape differ depending on which bits are changed. Chang-
ing only the OCT bits will result in an instantaneous change
in frequency for OCT values below 10. Values of 10 and
above may take up to 100
µs to settle due to the action of
internal power conservation circuitry.
Changing the DAC bits will result in a smooth transition
between the frequencies, occupying at most 100
µs, with
little overshoot.
Changing both the OCT and DAC bits simultaneously may
result in considerable excursion beyond the frequencies
requested before settling.
It should be noted that changing the DAC bits at the lower
frequency ranges will result in a seemingly instantaneous
frequency change because the settling time depends on
the internal loop frequency rather than the set frequency.
Power Supply Bypass
In order to obtain the accuracies represented in this
datasheet, it is necessary to provide excellent bypass on
the power supply. Adequate bypass is a 1
µF capacitor in
parallel with a 0.01
µF capacitor connected within a few
millimeters of the power supply leads.
Monotonicity and Linearity
The DAC in the LTC6903/LTC6904 is guaranteed to be
10-bit monotonic. Nonlinearity of the DAC is less than 1%.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com