Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6903 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6903
Description  1kHz - 68MHz Serial Port Programmable Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6903 Datasheet(HTML) 5 Page - Linear Technology

  LTC6903 Datasheet HTML 1Page - Linear Technology LTC6903 Datasheet HTML 2Page - Linear Technology LTC6903 Datasheet HTML 3Page - Linear Technology LTC6903 Datasheet HTML 4Page - Linear Technology LTC6903 Datasheet HTML 5Page - Linear Technology LTC6903 Datasheet HTML 6Page - Linear Technology LTC6903 Datasheet HTML 7Page - Linear Technology LTC6903 Datasheet HTML 8Page - Linear Technology LTC6903 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC6903/LTC6904
5
69034fa
PI FU CTIO S
GND (Pin 1): Negative Power Supply (Ground). Should be
tied directly to a ground plane for best performance.
SDI ( Pin 2 ): Serial Data Input. Data for serial transfer is
presented on this pin.
SCK (Pin 3): Serial Port Clock. Input, positive edge trig-
gered. Clocks serial data in on rising edge.
SEN (Pin 4): Serial Port Enable (6903 Only). Input, active
LOW. Initiates serial transaction when brought LOW,
finalizes transaction when brought HIGH after 16 clocks.
ADR (Pin 4): Serial Port Address (6904 Only). Sets the I2C
serial port address.
CLK (Pin 5): Auxiliary Clock Output. Frequency set by
serial port.
CLK (Pin 6): Main Clock Output. Frequency set by serial
port.
OE (Pin 7): Asynchronous Output Enable. CLK and CLK are
set LOW when this pin is LOW.
V+ (Pin 8): Positive Power Supply. This supply must be
kept free from noise and ripple. It should be bypassed
directly to a ground plane with a quality 0.1
µF capacitor.
Additional bypass may be necessary for operation at high
frequency or under larger loads.
TYPICAL PERFOR A CE CHARACTERISTICS
Output Waveform at 68MHz
Output Waveform at 20MHz
Output Spectrum at 20MHz
3468 G08
5ns/DIV
3468 G09
10ns/DIV
CL = 10pF
V+ = 3V
CL = 10pF
V+ = 3V
15MHz
25MHz
6903 G07
20
0
–80
20MHz
Peak-to-Peak Jitter vs Frequency
Supply Current vs Output
Frequency
Output Resistance vs Supply
Voltage
FREQUENCY (MHz)
0.001
0.01
0.1
1
10
100
6903 G05
10
8
9
7
5
3
6
4
2
1
0
V+ = 3V
V+ = 5V
SUPPLY VOLTAGE (V)
3.5
4.5
2.5
3.0
4.0
5.0
5.5
6903 G06
60
50
40
30
20
10
0
FREQUENCY (MHz)
0.1
1
10
100
6903 G04
10
1
0.1
0.01
V+ = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com