Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6903 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6903
Description  1kHz - 68MHz Serial Port Programmable Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6903 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6903 Datasheet HTML 2Page - Linear Technology LTC6903 Datasheet HTML 3Page - Linear Technology LTC6903 Datasheet HTML 4Page - Linear Technology LTC6903 Datasheet HTML 5Page - Linear Technology LTC6903 Datasheet HTML 6Page - Linear Technology LTC6903 Datasheet HTML 7Page - Linear Technology LTC6903 Datasheet HTML 8Page - Linear Technology LTC6903 Datasheet HTML 9Page - Linear Technology LTC6903 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC6903/LTC6904
6
69034fa
APPLICATIO S I FOR ATIO
Frequency Setting Information
The frequency output of the LTC6903/LTC6904 is deter-
mined by the following equation:
f
Hz
DAC
OCT
=


2
2078
2
1024
•
()
–
where DAC is the integer value from 0-1023 represented
by the serial port register bits DAC[9:0] and OCT is the
integer value from 0-15 represented by the serial port
register bits OCT [3:0].
The LTC6903/LTC6904 contain an internal feedback loop
which controls a high frequency square wave VCO operat-
ing between 34MHz and 68MHz. The internal feedback
loop frequency is set over an octave by a 10-bit resistor
DAC. The VCO tracks the internal feedback loop frequency
and the output frequency of the VCO is divided by one of
sixteen possible powers of two.
Higher VCO frequencies and lower output divider settings
can result in higher output jitter. Random jitter at the lower
Use the following two steps to choose binary numbers
“OCT” and “DAC” in order to set frequency “f”:
1) Use Table 1 to Choose “OCT” or use the following
formula, rounding down to the integer value less than or
equal to the result.
OCT
f
=


3 322
1039
.
log
2) Choose “DAC” by the following formula, rounding DAC
to the nearest integer:
DAC
Hz
f
OCT
=
+
2048
2078
2 10
–
() • ()
frequency ranges is very low because of the high output
divisor.
The higher frequency settings will display some determin-
istic jitter from coupling between the control loop and the
output. This shows up in the frequency spectrum as spurs
separated from the fundamental frequency by 1MHz to
2MHz.
THEORY OF OPERATIO
2
1
3
4
6
7
5
8
–
+
MASTER
OSCILLATOR
fMO = 68MHz • kΩ
ISET
V+ – VSET
PROGRAMMABLE
DIVIDER
+
–
ISET
VSET
A1
SERIAL PORT
V+
OE
GND
DAC
OCT
SDI
SCK
SEN (LTC6903)
ADR (LTC6904)
CLK
CLK
6903 BD
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com