Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS27 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 Segmented LED Strip Light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp. WLS27 Datasheet HTML 4Page - Banner Engineering Corp. WLS27 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
Banner's WLS27 Segmented LED Strip Light has a sturdy aluminum housing and is encased in a shatterproof, UV-stabilized, copolyester shell,
making it ideal for harsh indoor and outdoor applications.
• Ultra-bright, multi-segment indicator
• Models with 2 or 3 segments available in two different segment sizes
• Rugged, water-resistant IP69K per DIN 40050-9 rating
• Four available lengths: 285 mm, 430 mm, 570 mm, or 850 mm
• Daisy chain power to multiple lights
• Heavy diffused housing option provides softer, more uniform light
Figure 1. Stand-alone light or end light in a cascade
Figure 2. First or middle of a cascade
Available as stand-alone models, or as cascade models that can be daisy-chained together for a continuous length of lighting, with a minimum of
wiring. Stand-alone models have a male quick disconnect at one end for power connection and no connections at the opposite end. A stand-alone
model may be used as the last model in the cascade series. Cascade models have a male quick disconnect at one end for power connection and a
female quick disconnect at the opposite end for connecting to other lights in the cascade. A double-ended accessory cordset must be used
between each pair of lights in a cascade.
Important: Lea el siguiente instructivo antes de operar el luminario. Por favor descargue desde www.bannerengineering.com
toda la documentación técnica de los WLS27 Segmented LED Strip Light, disponibles en múltiples idiomas, para detalles del
uso adecuado, aplicaciones, advertencias, y las instrucciones de instalación de estos dispositivos.
Important: Lisez les instructions suivantes avant d'utiliser le luminaire. Veuillez télécharger la documentation technique
complète des WLS27 Segmented LED Strip Light sur notre site www.bannerengineering.com pour les détails sur leur
utilisation correcte, les applications, les notes de sécurité et les instructions de montage.
Models
WLS27
Connector
Window
Color Segments and Length
Cascadable
Family
C = Cascadable
X = Non-cascadable
D = Diffused
Q = Integral 4-pin M12 QD
(mating cordset required)
X
GYR3S-0850
D
Q
Construction
S
S = Sealed
Voltage
24
24 = 24V dc
H = Heavy Diffused
GRX2S-0285 = Two 145 mm Segments; Green, Red
GRX2S-0570 = Two 285 mm Segments; Green, Red
GYR3S-0430 = Three 145 mm Segments; Green, Yellow, Red
GYR3S-0850 = Three 285 mm Segments; Green, Yellow, Red
Wiring Diagrams
Male
Female
Pin
Wire Color
Description
1
4
3
2
2
3
4
1
1
Brown
Input 1
2
White
Input 3
3
Blue
dc common
4
Black
Input 2
WLS27 Segmented LED Strip Light
Original Document
209343 Rev. B
30 August 2019
209343


Similar Part No. - WLS27

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27 Datasheet
177Kb / 3P
WLS27 Multicolor LED Strip Light with EZSTATUS
WLS27 BANNER-WLS27 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
567Kb / 8P
WLS27 LED Strip Light
More results

Similar Description - WLS27

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
LED Light Strip
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27_V01 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V03 Datasheet
177Kb / 3P
WLS27 Multicolor LED Strip Light with EZSTATUS
WLS27 BANNER-WLS27_V04 Datasheet
173Kb / 2P
WLS27 LED Strip Light
WLS27 BANNER-WLS27_V05 Datasheet
674Kb / 8P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V06 Datasheet
567Kb / 8P
WLS27 LED Strip Light
WLS27 BANNER-WLS27_V08 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com