Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS27 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 Segmented LED Strip Light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp. WLS27 Datasheet HTML 4Page - Banner Engineering Corp. WLS27 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3 Segment Strip Lights
Input 1: Pin 1 Brown
Wire
Input 2: Pin 4
Black Wire
Input 3: Pin 2
White Wire
LED Color
-
-
-
Light OFF
+24 V dc
-
-
Segment 1 ON
-
+24 V dc
-
Segment 2 ON
+24 V dc
+24 V dc
-
Segment 1 and 2 ON
-
-
+24 V dc
Segment 3 ON
+24 V dc
-
+24 V dc
Segment 1 and 3 ON
-
+24 V dc
+24 V dc
Segment 2 and 3 ON
+24 V dc
+24 V dc
+24 V dc
Segment 1, 2, and 3 ON
2 Segment Strip Lights
Input 1: Pin 1
Brown Wire
Input 2: Pin 4 Black
Wire
LED Color
-
-
Light OFF
+24 V dc
-
Segment 1 ON
-
+24 V dc
Segment 2 ON
+24 V dc
+24 V dc
Segment 1 and 2 ON
Specifications
Supply Voltage
24 V dc (+ 20% / - 10%)
Use only with suitable Class 2 power supply (UL) or a SELV power supply (CE)
See electrical characteristics on product label
Lighted
Length
Segments
Typical Current (A) at
25° C per Segment 1
Typical Current (A)
at 25 °C for all
Segments
Maximum
Current (A)
285 mm
2
0.155
0.360
0.4
430 mm
3
0.155
0.540
0.6
570 mm
2
0.315
0.630
0.8
850 mm
3
0.315
0.945
1.2
Mounting
Bracket LMBWLS27EC included (2 for lights up to 570 mm or 3 for 850 mm lights)
Connections
Integral 4-pin M12/Euro-style male quick disconnect
Construction
Clear anodized aluminum inner housing and FDA-grade copolyester outer housing
Environmental Rating
IEC IP66, IEC IP67, and IP69K per DIN 40050-9
Vibration and Mechanical Shock
Vibration: 10 Hz to 55 Hz, 1.0 mm peak-to-peak amplitude per IEC 60068-2-6
Shock: 15G 11 ms duration, half sine wave per IEC 60068-2-27
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Application Notes
When connecting cascadable lights in series it is important not to exceed maximum
current limitations: Maximum length of light at 24 V dc: 3.0 m (9.8 ft)
Do not spray cable with high-pressure sprayer or cable damage will result.
Light Characteristics
Color
Dominant Wavelength (nm)
or Color Temperature
Lighted Length Lumens (Typical at 25 °C) 1
285 and 430 mm
570 and 850 mm
Green
525 nm
150
400
Yellow
580 nm
215
570
Red
625 nm
70
185
Operating Temperature
–40 °C to +50 °C (–40 °F to +122 °F)
Storage Temperature: –40 °C to +70 °C (–40 °F to +158 °F)
Certifications
D
Dimensions
All measurements are listed in millimeters, unless noted otherwise.
16.8
[.66]
17.6
[.69]
27.0
[1.06]
17.6
[.69]
16.8
[.66]
M12 X 1
L1
L2
L3
Segment 1
Segment 2
Figure 3. Non-cascade models, two segment example model shown
27.0
[1.06]
16.8
[.66]
17.6
[.69]
16.8
[.66]
17.6
[.69]
M12 X 1
M12 X 1
L4
Segment 1
Segment 2
Segment 3
Figure 4. Cascade models, three segment example model shown
1
Values are shown at 25 °C. Current and lumen values decrease 0.4% per 1 °C from the ambient temperature. For example, an 850 mm unit will have a maximum current of 0.851 A at -40 °C and 1.2 A at +50 °C.
WLS27 Segmented LED Strip Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 209343 Rev. B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com