Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS27 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 Segmented LED Strip Light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp. WLS27 Datasheet HTML 4Page - Banner Engineering Corp. WLS27 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Models
L1
L2
L3
L4
Segment 1
Segment 2
Segment 3
WLS27..0285..
286 mm (11.3 in)
330 (13 in)
349.5 mm (13.8 in)
358 mm (14.1 in)
143 mm (5.7 in)
143 mm (5.7 in)
-
WLS27..0430..
427 mm (16.8 in)
471 mm (18.5 in)
490.5 mm (13.3 in)
499 mm (19.6 in)
143 mm (5.7 in)
143 mm (5.7 in)
143 mm (5.7 in)
WLS27..0570..
569 mm (22.4 in)
612 mm (24.1 in)
631.5 mm (24.9 in)
640 mm (25.2 in)
286 mm (11.3 in)
286 mm (11.3 in)
-
WLS27..0850..
849 mm (33.4 in)
893 mm (35.2 in)
912.5 mm (35.9 in)
921 mm (36.2 in)
286 mm (11.3 in)
286 mm (11.3 in)
286 mm (11.3 in)
Accessories
Cordsets
Use single-ended cordsets between the power source and the quick disconnect connection of a stand-alone light or the first light in a cascade. Use
double-ended cordsets between lights in a cascade.
4-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
MQDC-406RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC-415RA
4.57 m (15 ft)
MQDC-430RA
9.14 m (30 ft)
MQDC-450RA
15.2 m (50 ft)
4-Pin Threaded M12/Euro-Style Cordsets—Double Ended
Model
Length
Style
Dimensions
Pinout
MQDEC-401SS
0.31 m (1 ft)
Male Straight/Female
Straight
40 Typ.
[1.58"]
ø 14.5 [0.57"]
M12 x 1
44 Typ.
[1.73"]
ø 14.5 [0.57"]
M12 x 1
Female
2
3
4
1
Male
1
4
3
2
1 = Brown
2 = White
3 = Blue
4 = Black
MQDEC-403SS
0.91 m (3 ft)
MQDEC-406SS
1.83 m (6 ft)
MQDEC-412SS
3.66 m (12 ft)
MQDEC-420SS
6.10 m (20 ft)
MQDEC-430SS
9.14 m (30 ft)
MQDEC-450SS
15.2 m (50 ft)
4-Pin Threaded M12/Euro-Style Cordsets—Washdown, Stainless Steel, Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-WDSS-0406
1.83 m (6 ft)
Straight
43.5 mm
Ø4.8 mm
Ø15.5 mm
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-WDSS-0415
4.57 m (15 ft)
MQDC-WDSS-0430
9.14 m (30 ft)
WLS27 Segmented LED Strip Light
P/N 209343 Rev. B
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com