Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS28-2..145XPWM Datasheet(PDF) 9 Page - Banner Engineering Corp.

Part # WLS28-2..145XPWM
Description  WLS28-2 LED Strip Light - PWM Dimmable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS28-2..145XPWM Datasheet(HTML) 9 Page - Banner Engineering Corp.

Back Button WLS28-2..145XPWM Datasheet HTML 4Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 5Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 6Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 7Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 8Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 9Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 10Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 11Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 12Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
180°
3700
3083
2467
1850
1233
617
0
617
1233
1850
2467
Mount height of 1 meter (1 m)
3083
3700
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
17618 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 12.3°
Horizontal Spread: 112.6°
0.04 m 0.50 m
0.07 m 1.00 m
0.11 m 1.50 m
0.14 m 2.00 m
9750 lux
5864 lux
3804 lux
0.18 m 2.49 m
2653 lux
0.22 m 3.00 m
1902 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
1900 lux
1520 lux
1140 lux
760 lux
380 lux
190 lux
95 lux
50 lux
Figure 14. L25 Window
1130 mm Models
180°
1200
1100
800
600
400
200
0
200
400
600
800
Mount height of 1 meter (1 m)
1000
1200
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
10850 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 102.4°
Horizontal Spread: 128.2°
0.42 m 0.69 m
0.83 m 1.37 m
1.24 m 2.06 m
1.66 m 2.75 m
5449 lux
3336 lux
2230 lux
2.07 m 3.43 m
1605 lux
2.49 m 4.12 m
1194 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
800 lux
665 lux
530 lux
400 lux
265 lux
135 lux
65 lux
35 lux
Figure 15. Clear Window
180°
4200
3500
2800
2100
1400
700
0
700
1400
2100
2800
Mount height of 1 meter (1 m)
3500
4200
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
17618 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 12.3°
Horizontal Spread: 112.6°
0.04 m 0.50 m
0.07 m 1.00 m
0.11 m 1.50 m
0.14 m 2.00 m
10095 lux
6371 lux
4169 lux
0.18 m 2.49 m
2931 lux
0.22 m 3.00 m
2129 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
2120 lux
1695 lux
1270 lux
850 lux
425 lux
210 lux
105 lux
55 lux
Figure 16. L25 Window
WLS28-2 LED Strip Light - PWM Dimmable
P/N 179493 Rev. G
www.bannerengineering.com - Tel: + 1 888 373 6767
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com